Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 12 Page - Analog Devices

Part # AT45DB321D
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB321D Datasheet(HTML) 12 Page - Analog Devices

Back Button AT45DB321D_12 Datasheet HTML 8Page - Analog Devices AT45DB321D_12 Datasheet HTML 9Page - Analog Devices AT45DB321D_12 Datasheet HTML 10Page - Analog Devices AT45DB321D_12 Datasheet HTML 11Page - Analog Devices AT45DB321D_12 Datasheet HTML 12Page - Analog Devices AT45DB321D_12 Datasheet HTML 13Page - Analog Devices AT45DB321D_12 Datasheet HTML 14Page - Analog Devices AT45DB321D_12 Datasheet HTML 15Page - Analog Devices AT45DB321D_12 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
12
AT45DB321D [DATASHEET]
3597R–DFLASH–11/2012
Table 7-1.
WP Pin and Protection Status
7.1
Sector Protection Register
The nonvolatile sector protection register specifies which sectors are to be protected or unprotected with either the software or
hardware controlled protection method. The sector protection register contains 64 bytes of data, in which byte locations 0
through 63 contain values that specify whether sectors 0 through 63 will be protected or unprotected. The sector protection
register is user modifiable, and must first be erased before it can be reprogrammed. Table 7-3 illustrates the format of the sector
protection register.
Table 7-2.
Sector Protection Register
Note:
1.
The default value for bytes 0 through 63 when shipped from Adesto® is 00H.
x = don’t care.
7.1.1
Erase Sector Protection Register Command
In order to modify and change the value of the sector protection register, it must first be erased using the erase sector protection
register command.
To erase the sector protection register, the CS pin must first be asserted, as it would be with any other command. Once the CS
pin has been asserted, the appropriate four-byte opcode sequence must be clocked into the device via the SI pin. The four-byte
opcode sequence must start with 3DH, and be followed by 2AH, 7FH, and CFH. After the last bit of the opcode sequence has
been clocked in, the CS pin must be deasserted to initiate the internally self-timed erase cycle. The erasing of the sector
protection register should take place in a maximum time of tPE, during which time the status register will indicate that the device
is busy. If the device is powered down before the completion of the erase cycle, then the contents of the sector protection
register cannot be guaranteed.
Time
Period
WP Pin
Enable Sector Protection
Command
Disable Sector
Protection Command
Sector
Protection
Status
Sector
Protection
Register
1
High
Command not issued previously
–
Issue command
X
Issue command
–
Disabled
Disabled
Enabled
Read/write
Read/write
Read/write
2
Low
X
X
Enabled
Read only
3
High
Command issued during period 1 or 2
–
Issue command
Not issued yet
issue command
–
Enabled
Disabled
Enabled
Read/write
Read/write
Read/write
Sector Number
0 (0a, 0b)
1 to 63
Protected
See Table 7-3
FFH
Unprotected
00H
Table 7-3.
Sector 0 (0a, 0b)
0a
0b
Bit 3, 2
Data
Value
(Pages 0-7)
(Pages 8-127)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b unprotected
00
00
xx
xx
0xH
Protect sector 0a (pages 0-7)
11
00
xx
xx
CxH
Protect sector 0b (pages 8-127)
00
11
xx
xx
3xH
Protect sectors 0a (pages 0-7), 0b (pages 8-127)(1)
11
11
xx
xx
FxH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com