Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPFPGMEVMEUG Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # KTPFPGMEVMEUG
Description  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button KTPFPGMEVMEUG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 20Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 21Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 22Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 23Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 24Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
KTPFPGMEVMEUG, Rev. 2.0
Freescale Semiconductor
21
Graphical User Interface Description
6.3
GUI Features
There are five functional tabs in the KITPF0100GUI to allow programming PF0100 registers. They also permit one
to perform either prototyping or one-time programming (OTP) of the fuse registers.
The Power tab provides user access to control both the switching as well as the linear regulators on the PF0100.
The switching regulators can be programmed by sub-tabs for SW1, SW2, SW3, SW4 and SWBST. For each of
these tabs, the user has access to functional registers that configure the output voltage, the standby voltage, the
off-mode voltage, the phase control, the switching frequency and more. The user can also configure the OTP
register via the bottom half of the tab, which selects the start-up sequence of the switching regulators as well as
phase configuration for SW1 and SW3.
Figure 21. Switching Regulators Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com