Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPFPGMEVMEUG Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # KTPFPGMEVMEUG
Description  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button KTPFPGMEVMEUG Datasheet HTML 12Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 13Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 14Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 15Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 16Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 17Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 18Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 19Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
KTPFPGMEVMEUG, Rev. 2.0
16
Freescale Semiconductor
Software and Drivers Installation
Figure 15. Ribbon Cable Wiring Diagram
Table 1. Pin Description
PIN
NAME
FUNCTION
1
VPGM
Programming voltage for OTP fuses
2
V3V3
Auxiliary 3.3V supply
3
GND
Ground
4
SCL
I2C Master clock
5
SDA
I2C Master data
6
PWRON
Logic output to turn-on/turn-off the PMIC
7
GPIO1
GPIO signal from MCU (Open drain)
8
GPIO2
GPIO signal from MCU (Logic output)
12
3
4
56
78
2
1
3
4
56
78
VPGM
V3V3
GROUND
SCL
SDA
PWRON
GPIO1
GPIO2
Programmer
Target Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com