Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPFPGMEVMEUG Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # KTPFPGMEVMEUG
Description  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button KTPFPGMEVMEUG Datasheet HTML 31Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 32Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 33Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 34Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 35Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 36Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 37Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 38Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
KTPFPGMEVMEUG, Rev. 2.0
Freescale Semiconductor
35
Graphical User Interface Description
VREFDDR:OFF
Disables the VREFDDR supply.
VSNVS:ON
Enables the VSNVS supply
VSNVS:OFF
Disables the VSNVS supply.
PWRON:Float
Releases the PWRON signal to a high-impedance state, allowing the
PF0100 to start up. (Legacy for Revision A scripts)
LOG Commands
LOG:SWx:<log operator>
Shows the current value of the <log operator> for the SWx regulator.
Log operators:
• VOUT = Output voltage in normal operation.
• STBY = Output voltage in STANDBY mode.
• OFF = Output voltage in OFF mode.
• MODE = Current switching mode set.
• OTP_VOUT = Default power up voltage set through OTP.
• OTP_SEQUENCE = Default power up sequence of regulator.
LOG:VGENx:<log operator>
Shows the current value of the <log operator> for the VGENx regulator.
Log operators:
• VOUT = Output voltage.
• ENABLE = supply is ENABLED/DISABLED.
• OTP_VOUT = Default power up voltage set through OTP.
• OTP_SEQUENCE = Default power up sequence of regulator.
LOG:VSWBST:<log operator>
Shows the current value of the <log operator> for the VSWBST regulator.
Log operators:
• VOUT = Output voltage.
• ENABLE = Supply is ENABLED/DISABLED.
• OTP_VOUT = Default power up voltage set through OTP.
• OTP_SEQUENCE = Default power up sequence of regulator.
LOG:VREFDDR:<log operator>
Shows the current value of the <log operator> for the VREFDDR
regulator.
Log operators:
• ENABLE = supply is ENABLED/DISABLED.
• OTP_SEQUENCE = Default power up sequence of regulator.
LOG:VSNVS:<log operator>
Shows the current value of the <log operator> for the VSNVS regulator.
Log operators:
• VOUT = Output voltage.
• OTP_VOUT = Default power up voltage set through OTP.
LOG:OTP_PU_CONFIG:<log operator> Shows the current value set as default by OTP.
• SEQ_CLK_SPEED = programmed power up sequencing speed.
• DVS_CLK_SPEED = programmed DVS speed.
• PWRON_MODE = programmed PWRON pin active level.
• PGOOD_ENABLE = Power good mode is on/off.
Table 2. Command List(1)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com