Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPFPGMEVMEUG Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # KTPFPGMEVMEUG
Description  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  KTPFPGMEVMEUG Datasheet HTML 1Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 2Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 3Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 4Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 5Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 6Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 7Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 8Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
KTPFPGMEVMEUG, Rev. 2.0
4
Freescale Semiconductor
Introduction
3
Introduction
Freescale recommends the KITPFPGMEVME development tool, also known as the PF Programmer, for
configuring and programming the PF0100 Power Management Integrated Circuit. This PMIC is designed primarily
for use with Freescale's i.MX6 series of application processors.
This document describes the specifications of the graphical user interface (GUI) for the PF0100 device. The
primary features of this GUI are:
1. Read/write access to PF0100 registers
2. Intuitive control for programming the PF0100’s start up configuration
3. Script to enable the 8V Boost and 3.3V LDO on the PF Programmer
4. Script to enable the configuration macros for fuse prototyping and fuse programming
5. Save or recall user defined configuration file
Note: This document provides updated information on the installation and use of the current PF0100 EVK Control
GUI, revision 3.0.0.20. Some discrepancies may be found if using an earlier version of the GUI. To learn about the
version of the GUI you are using, please refer to section “Graphical User Interface Description”.
4
Software and Hardware Requirements
The KITPFPGMEVME Programmer is a development tool designed to provide easy configuration of the PF Series
devices and to facilitate prototyping and programming the device's (OTP) one-time programmable fuses. The
programmer kit comes with a PF series programmer, a flat ribbon cable (8-conductor) and a mini-USB cable, as
shown in Figure 2.
Figure 2. KITPFPGMEVME PF Series Programmer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com