Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTPFPGMEVMEUG Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # KTPFPGMEVMEUG
Description  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button KTPFPGMEVMEUG Datasheet HTML 2Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 3Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 4Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 5Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 6Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 7Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 8Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 9Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
VPGM
SDA
SCL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
INTB
PMPF0100
SDWNB
RESETBMCU
STANDBY
ICTEST
SW1FB
SW1AIN
SW1ALX
SW1BLX
SW1BIN
SW1CLX
SW1CIN
SW1CFB
SW1VSSSNS
LICELL
VGEN6
VIN3
VGEN5
SW3AFB
SW3AIN
SW3ALX
SW3BLX
SW3BIN
SW3BFB
SW3VSSSNS
VREFDDR
VINREFDDR
VHALF
CPGM
C1
C2
C3
C4
PROGRAMMING
INTERFACE
C1 = 0.1 uF, 20 V, ceramic
C2 = 1.0 uF, 20 V, ceramic
C3 = 0.1 uF, 20 V, ceramic
C4 = 1.0 uF, 20 V, ceramic
Optional:
3.0 V Lithium-Ion Coin Cell
Allows “Try-Before-Buy”
For Development
R2
R1
4.7 K
4.7 K
C5
CPGM = 20 uF, 20 V, ceramic
C5 = 0.1 uF, 20 V, ceramic
To Processor I2C
Interface
V3.3
GND
GPIO2
GPIO1
PWRON
R3
10 K
1
2
3
4
5
6
7
8
R4
10 K
R5
R6
0
0
System VIN
(3.1V to 4.5V)
+
-
KTPFPGMEVMEUG, Rev. 2.0
6
Freescale Semiconductor
Software and Hardware Requirements
Figure 4. PF100 Minimum System for Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com