Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T/1 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 28Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 29Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 30Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 31Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 32Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 33Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 34Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 35Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
32 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.9 Timer function
The PCF8523 has three timers:
• Timer A can be used as a watchdog timer or a countdown timer (see Section 8.9.2). It
can be configured by using TAC[1:0] in the Tmr_CLKOUT_ctrl register (0Fh)
• Timer B can be used as a countdown timer (see Section 8.9.3). It can be configured
by using TBC in the Tmr_CLKOUT_ctrl register (0Fh)
• Second interrupt timer is used to generate an interrupt once per second (see
Section 8.9.4)
Timer A and timer B both have five selectable source clocks allowing for countdown
periods from less than 1 ms to 255 h. To control the timer functions and timer output, the
registers 01h, 0Fh, 10h, 11h, 12h, and 13h are used.
8.9.1 Timer registers
8.9.1.1
Register Tmr_CLKOUT_ctrl and clock output
[1]
Default value.
8.9.1.2
CLKOUT frequency selection
Clock output operation is controlled by the COF[2:0] in the Tmr_CLKOUT_ctrl register.
Frequencies of 32.768 kHz (default) down to 1 Hz can be generated (see Table 35) for
use as a system clock, microcontroller clock, input to a charge pump, or for calibration of
the oscillator.
Table 34.
Tmr_CLKOUT_ctrl - timer and CLKOUT control register (address 0Fh) bit
description
Bit
Symbol
Value
Description
7TAM
0[1]
permanent active interrupt for timer A and for
the second interrupt timer
1
pulsed interrupt for timer A and the second
interrupt timer
6TBM
0[1]
permanent active interrupt for timer B
1
pulsed interrupt for timer B
5 to 3
COF[2:0]
see Table 35
CLKOUT frequency selection
2 to 1
TAC[1:0]
00[1] to 11
timer A is disabled
01
timer A is configured as countdown timer
if CTAIE (register Control_2) is set logic 1, the
interrupt is activated when the countdown
timed out
10
timer A is configured as watchdog timer
if WTAIE (register Control_2) is set logic 1,
the interrupt is activated when timed out
0TBC
0[1]
timer B is disabled
1
timer B is enabled
if CTBIE (register Control_2) is set logic 1, the
interrupt is activated when the countdown
timed out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com