Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T/1 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 31Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 32Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 33Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 34Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 35Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 36Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 37Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 38Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
35 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.9.1.7
Programmable timer characteristics
8.9.2 Timer A
With the bit field TAC[1:0] in register Tmr_CLKOUT_ctrl (0Fh) Timer A can be configured
as a countdown timer (TAC[1:0] = 01) or watchdog timer (TAC[1:0] = 10).
8.9.2.1
Watchdog timer function
The 3 bits TAQ[2:0] in register Tmr_A_freq_ctrl (10h) determine one of the five source
clock frequencies for the watchdog timer: 4.096 kHz, 64 Hz, 1 Hz, 1⁄60 Hz or 1⁄3600 Hz (see
Table 36).
The generation of interrupts from the watchdog timer is controlled by using WTAIE bit
(register Control_2).
When configured as a watchdog timer (TAC[1:0] = 10), the 8-bit timer value in register
Tmr_A_reg (11h) determines the watchdog timer-period.
The watchdog timer counts down from value n in register Tmr_A_reg (11h). When the
counter reaches 1, the watchdog timer flag WTAF (register Control_2) is set logic 1 on the
next rising edge of the timer clock (see Figure 19). In that case:
• If WTAIE = 1, an interrupt will be generated
• If WTAIE = 0, no interrupt will be generated
The interrupt generated by the watchdog timer function of timer A may be generated as
pulsed signal or a permanentiy active signal. The TAM bit (register Tmr_CLKOUT_ctrl) is
used to control the interrupt generation mode.
The counter does not automatically reload. When loading the counter with any valid value
of n, except 0:
• The flag WTAF is reset (WTAF = 0)
• Interrupt is cleared
• The watchdog timer starts
Table 40.
Programmable timer characteristics
TAQ[2:0]
TBQ[2:0]
Timer source
clock frequency
Units
Minimum
timer-period
(n = 1)
Units
Maximum
timer-period
(n = 255)
Units
000
4.096
kHz
244
s
62.256
ms
001
64
Hz
15.625
ms
3.984
s
010
1
Hz
1
s
255
s
011
1⁄60
Hz
1
min
255
min
111
110
100
1⁄3600
Hz
1
hour
255
hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com