Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T/1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 3Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 4Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 5Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 6Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 7Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 8Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 9Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 10Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
7 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.1 Registers overview
The 20 registers of the PCF8523 are auto-incrementing after each read or write data byte
up to register 13h. After register 13h, the auto-incrementing will wrap around to address
00h (see Figure 6).
Fig 6.
Auto-incrementing of the registers
013aaa309
address register
00h
auto-increment
wrap around
01h
02h
03h
...
11h
12h
13h
Table 6.
Registers overview
Bit positions labeled as - are not implemented and will return a 0 when read. Bit T must always be written with logic 0.
Address Register name
Bit
7
6
5
4
3
2
1
0
Control registers
00h
Control_1
CAP_SEL T
STOP
SR
12_24
SIE
AIE
CIE
01h
Control_2
WTAF
CTAF
CTBF
SF
AF
WTAIE
CTAIE
CTBIE
02h
Control_3
PM[2:0]
-
BSF
BLF
BSIE
BLIE
Time and date registers
03h
Seconds
OS
SECONDS (0 to 59)
04h
Minutes
-
MINUTES (0 to 59)
05h
Hours
-
-
AMPM
HOURS (1 to 12 in 12 hour mode)
HOURS (0 to 23 in 24 hour mode)
06h
Days
-
-
DAYS (1 to 31)
07h
Weekdays
-
-
-
-
-
WEEKDAYS (0 to 6)
08h
Months
-
-
-
MONTHS (1 to 12)
09h
Years
YEARS (0 to 99)
Alarm registers
0Ah
Minute_alarm
AE_M
MINUTE_ALARM (0 to 59)
0Bh
Hour_alarm
AE_H
-
AMPM
HOUR_ALARM (1 to 12 in 12 hour mode)
-
HOUR_ALARM (0 to 23 in 24 hour mode)
0Ch
Day_alarm
AE_D
-
DAY_ALARM (1 to 31)
0Dh
Weekday_alarm
AE_W
-
-
-
-
WEEKDAY_ALARM (0 to 6)
Offset register
0Eh
Offset
MODE
OFFSET[6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com