Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T/1 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 37Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 38Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 39Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 40Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 41Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 42Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 43Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 44Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
41 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
[1]
n = loaded timer register value. Timer stops when n = 0.
[2]
If pulse period is shorter than the setting via bit TBW[2:0], the interrupt pulse width is set to 15.625 ms.
When flags like SF, CTAF, WTAF, and CTBF are cleared before the end of the interrupt
pulse, then the interrupt pulse is shortened. This allows the source of a system interrupt to
be cleared immediately when it is serviced, that is, the system does not have to wait for
the completion of the pulse before continuing; see Figure 24 and Figure 25. Instructions
for clearing flags can be found in Section 8.7.5. Instructions for clearing the bit WTAF can
be found in Section 8.9.2.1.
Table 44.
Interrupt low pulse width for timer B
Pulse mode, bit TBM set logic 1.
Source clock (Hz).
Interrupt pulse width
n = 1[1]
n > 1[1]
4096
122
s
244
s
64
7.812 ms
see Table 38[2]
1
see Table 38
:
1⁄60
::
1⁄3600
::
(1) Indicates normal duration of INT1 pulse.
The timing shown for clearing bit SF is also valid for the non-pulsed interrupt mode, that is, when
TAM set logic 0, where the INT1 pulse may be shortened by setting SIE logic 0.
Fig 24. Example of shortening the INT1 pulse by clearing the SF flag
013aaa333
58
seconds counter
SF
INT1
SCL
instruction
59
CLEAR INSTRUCTION
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com