Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523T/1 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF8523T/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523T/1 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF8523T/1 Datasheet HTML 48Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 49Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 50Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 51Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 52Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 53Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 54Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 55Page - NXP Semiconductors PCF8523T/1 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
52 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
12. Dynamic characteristics
[1]
Fast mode plus guaranteed at 3.0 V < VDD <5.5 V.
[2]
The minimum SCL clock frequency is limited by the bus time-out feature, which resets the serial bus interface if either the SDA or SCL
is held LOW for a minimum of 25 ms. The bus time-out feature must be disabled for DC operation.
[3]
A master device must internally provide a hold time of at least 300 ns for the SDA signal (refer to the VIL of the SCL signal) in order to
bridge the undefined region of the falling edge of SCL.
[4]
The maximum tf for the SDA and SCL bus lines is 300 ns. The maximum fall time for the SDA output stage, tf is 250 ns. This allows
series protection resistors to be connected between the SDA pin, the SCL pin and the SDA/SCL bus lines without exceeding the
maximum tf.
[5]
tVD;ACK = time for acknowledgement signal from SCL LOW to SDA output LOW.
[6]
tVD;DAT = minimum time for valid SDA output following SCL LOW.
[7]
Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
Table 49.
I2C-bus interface timing
All timing characteristics are valid within the operating supply voltage and ambient temperature range and reference to 30 %
and 70 % with an input voltage swing of VSS to VDD (see Figure 35).
Symbol Parameter
Conditions Standard mode Fast mode (FM) Fast mode plus (Fm+)[1] Unit
Min
Max
Min
Max Min
Max
Pin SCL
fSCL
SCL clock frequency
[2]
-
100
-
400
-
1000
kHz
tLOW
LOW period of the SCL clock
-
4.7
-
1.3
-
0.5
-
s
tHIGH
HIGH period of the SCL clock -
4.0
-
0.6
-
0.26
-
s
Pin SDA
tSU;DAT
data set-up time
-
250
-
100
-
50
-
ns
tHD;DAT
data hold time
-
0
-
0
-
0
-
ns
Pins SCL and SDA
tBUF
bus free time between a
STOP and START condition
-
4.7
-
1.3
-
0.5
-
s
tSU;STO
set-up time for STOP
condition
-
4.0
-
0.6
-
0.26
-
s
tHD;STA
hold time (repeated) START
condition
-
4.0
-
0.6
-
0.26
-
s
tSU;STA
set-up time for a repeated
START condition
-
4.7
-
0.6
-
0.26
-
s
tr
rise time of both SDA and
SCL signals
[3][4]
-
1000
20 + 0.1Cb 300 -
120
ns
tf
fall time of both SDA and SCL
signals
[3][4]
-
300
20 + 0.1Cb 300 -
120
ns
Cb
capacitive load for each bus
line
-
400
-
400
-
550
pF
tVD;ACK
data valid acknowledge time
[5]
-
3.45
-
0.9
-
0.45
s
tVD;DAT
data valid time
[6]
-
3.45
-
0.9
-
0.45
s
tSP
pulse width of spikes that
must be suppressed by the
input filter
[7]
-50
-
50
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com