Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC326 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMC326
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMC326 Datasheet HTML 3Page - Analog Devices ADMC326 Datasheet HTML 4Page - Analog Devices ADMC326 Datasheet HTML 5Page - Analog Devices ADMC326 Datasheet HTML 6Page - Analog Devices ADMC326 Datasheet HTML 7Page - Analog Devices ADMC326 Datasheet HTML 8Page - Analog Devices ADMC326 Datasheet HTML 9Page - Analog Devices ADMC326 Datasheet HTML 10Page - Analog Devices ADMC326 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ADMC326
–7–
REV. A
GENERAL DESCRIPTION
The ADMC326 is a low cost, single-chip DSP-based controller,
suitable for permanent magnet synchronous motors, AC induction
motors and brushless dc motors. The ADMC326 integrates a
20 MIPS, fixed-point DSP core with a complete set of motor
control and system peripherals that permits fast, efficient
development of motor controllers.
The DSP core of the ADMC326 is the ADSP-2171, which is
completely code compatible with the ADSP-21xx DSP family
and combines three computational units, data address generators
and a program sequencer. The computational units comprise an
ALU, a multiplier/accumulator (MAC) and a barrel shifter. The
ADSP-2171 adds new instructions for bit manipulation, multipli-
cation (
× squared), biased rounding and global interrupt masking.
The system peripherals are the power-on reset circuit (POR),
the watchdog timer and a synchronous serial port. The serial
port is configurable and double buffered, with hardware support
for UART and SCI port emulation.
The ADMC326 provides 512
× 24-bit program memory RAM,
4K
× 24-bit program memory ROM and 512 × 16-bit data
memory RAM. The program memory ROM contains the user-
specified program code and is defined using a single metal layer
mask. The program and data memory RAM can be used for
dynamic data storage.
The motor control peripherals of the ADMC326 comprise a
12-bit analog data acquisition system with six analog input
channels and an internal voltage reference. In addition, a three-
phase, 16-bit, center-based PWM generation unit can be used to
produce high accuracy PWM signals with minimal processor
overhead. The ADMC326 also contains two auxiliary PWM
outputs, and nine lines of digital I/O.
Because the ADMC326 has a limited number of pins, a number
of functions such as the auxiliary PWM and the serial commu-
nication port are multiplexed with the nine programmable input/
output (PIO) pins. The pin functions can be independently
selected to allow maximum flexibility for different applications.
BUS
EXCHANGE
COMPANDING
CIRCUITRY
DATA
ADDRESS
GENERATOR
#2
DATA
ADDRESS
GENERATOR
#1
14
14
24
16
6
R BUS
16
DMA BUS
PMA BUS
DMD BUS
PMD BUS
INSTRUCTION
REGISTER
INPUT REGS
OUTPUT REGS
SHIFTER
CONTROL
LOGIC
DM RAM
512
16
PM ROM
4K
24
PM RAM
512
24
SERIAL
PORT
RECEIVE REG
TRANSMIT REG
TIMER
INPUT REGS
OUTPUT REGS
MAC
INPUT REGS
OUTPUT REGS
ALU
PROGRAM
SEQUENCER
Figure 3. DSP Core Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com