Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC326 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMC326
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMC326 Datasheet HTML 7Page - Analog Devices ADMC326 Datasheet HTML 8Page - Analog Devices ADMC326 Datasheet HTML 9Page - Analog Devices ADMC326 Datasheet HTML 10Page - Analog Devices ADMC326 Datasheet HTML 11Page - Analog Devices ADMC326 Datasheet HTML 12Page - Analog Devices ADMC326 Datasheet HTML 13Page - Analog Devices ADMC326 Datasheet HTML 14Page - Analog Devices ADMC326 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ADMC326
–11–
REV. A
state. Because this hardware shutdown mechanism is asynchro-
nous, and the associated PWM disable circuitry does not use
clocked logic, the PWM will shut down even if the DSP clock is
not running. The PWM system may also be shut down from
software by writing to the PWMSWT register.
Status information about the PWM system of the ADMC326 is
available to the user in the SYSSTAT register. In particular, the
state of
PWMTRIP is available, as well as a status bit that indi-
cates whether operation is in the first half or the second half of
the PWM period.
A functional block diagram of the PWM controller is shown in
Figure 6. The generation of the six output PWM signals on pins
AH to CL is controlled by four important blocks:
• The three-phase PWM timing unit, which is the core of the
PWM controller, generates three pairs of complemented and
dead-time-adjusted center-based PWM signals.
• The output control unit allows the redirection of the outputs
of the three-phase timing unit for each channel to either the
high side or the low side output. In addition, the output con-
trol unit allows individual enabling/disabling of each of the six
PWM output signals.
• The GATE drive unit provides the high chopping frequency
and its subsequent mixing with the PWM signals.
• The PWM shutdown controller manages the three PWM
shutdown modes (via the
PWMTRIP pin, the analog block or
the PWMSWT register) and generates the correct
RESET signal
for the Timing Unit.
• The PWM controller is driven by a clock at the same frequency
as the DSP instruction rate, CLKOUT, and is capable of
generating two interrupts to the DSP core. One interrupt is
generated on the occurrence of a PWMSYNC pulse, and the
other is generated on the occurrence of any PWM shutdown
action.
PWMTRIP
OR
PWMSWT (0)
PWM SHUTDOWN CONTROLLER
PWMTRIP
PWMSEG (8...0)
OUTPUT
CONTROL
UNIT
GATE
DRIVE
UNIT
CLK
PWM DUTY CYCLE
REGISTERS
PWM CONFIGURATION
REGISTERS
TO INTERRUPT
CONTROLLER
THREE-PHASE
PWM TIMING
UNIT
CLK
RESET
SYNC
SYNC
PWMSYNC
CLKOUT
AH
AL
BH
BL
CH
CL
PWMGATE (9...0)
PWMTM (15...0)
PWMDT (9...0)
PWMPD (15...0)
PWMSYNCWT (7...0)
MODECTRL (6)
PWMCHA (15...0)
PWMCHB (15...0)
PWMCHC (15...0)
Figure 6. Overview of the PWM Controller of the ADMC326
Three-Phase Timing Unit
The 16-bit three-phase timing unit is the core of the PWM con-
troller and produces three pairs of pulsewidth modulated signals
with high resolution and minimal processor overhead. There are
four main configuration registers (PWMTM, PWMDT, PWMPD
and PWMSYNCWT) that determine the fundamental charac-
teristics of the PWM outputs. In addition, the operating mode
of the PWM (single or double update mode) is selected by Bit 6
of the MODECTRL register. These registers, in conjunction with
the three 16-bit duty cycle registers (PWMCHA, PWMCHB and
PWMCHC), control the output of the three-phase timing unit.
PWM Switching Frequency: PWMTM Register
The PWM switching frequency is controlled by the PWM
period register, PWMTM. The fundamental timing unit of
the PWM controller is tCK = 1/fCLKOUT where fCLKOUT is the
CLKOUT frequency (DSP instruction rate). Therefore, for a
20 MHz CLKOUT, the fundamental time increment is 50 ns.
The value written to the PWMTM register is effectively the
number of tCK clock increments in half a PWM period. The
required PWMTM value is a function of the desired PWM
switching frequency (fPWM) and is given by:
PWMTM
f
f
f
f
CLKOUT
PWM
CLKIN
PWM
=
×
=
2
Therefore, the PWM switching period, TS, can be written as:
T
PWMTM
t
SCK
=×
×
2
For example, for a 20 MHz CLKOUT and a desired PWM
switching frequency of 10 kHz (TS = 100
µs), the correct value
to load into the PWMTM register is:
PWMTM
x E
=
×
××
=
20
10
21010
1000
0 3 8
6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com