Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC326 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMC326
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMC326 Datasheet HTML 4Page - Analog Devices ADMC326 Datasheet HTML 5Page - Analog Devices ADMC326 Datasheet HTML 6Page - Analog Devices ADMC326 Datasheet HTML 7Page - Analog Devices ADMC326 Datasheet HTML 8Page - Analog Devices ADMC326 Datasheet HTML 9Page - Analog Devices ADMC326 Datasheet HTML 10Page - Analog Devices ADMC326 Datasheet HTML 11Page - Analog Devices ADMC326 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ADMC326
–8–
REV. A
DSP CORE ARCHITECTURE OVERVIEW
Figure 3 is an overall block diagram of the DSP core of the
ADMC326, which is based on the fixed-point ADSP-2171. The
flexible architecture and comprehensive instruction set of the
ADSP-2171 allow the processor to perform multiple operations
in parallel. In one processor cycle (50 ns with a 10 MHz CLKIN)
the DSP core can:
• Generate the next program address.
• Fetch the next instruction.
• Perform one or two data moves.
• Update one or two data address pointers.
• Perform a computational operation.
This all takes place while the processor continues to:
• Receive and transmit through the serial port.
• Decrement the interval timer.
• Generate three-phase PWM waveforms for a power inverter.
• Generate two signals using the 8-bit auxiliary PWM timers.
• Acquire four analog signals.
• Decrement the watchdog timer.
The processor contains three independent computational units:
the arithmetic and logic unit (ALU), the multiplier/accumulator
(MAC) and the shifter. The computational units process 16-bit
data directly and have provisions to support multiprecision com-
putations. The ALU performs a standard set of arithmetic and
logic operations as well as providing support for division primi-
tives. The MAC performs single-cycle multiply, multiply/add,
and multiply/subtract operations with 40 bits of accumulation.
The shifter performs logical and arithmetic shifts, normalization,
denormalization and derive-exponent operations. The shifter
can be used to efficiently implement numeric format control, in-
cluding floating-point representations.
The internal result (R) bus directly connects the computational
units so that the output of any unit may be the input of any unit
on the next cycle.
A powerful program sequencer and two dedicated data address
generators ensure efficient delivery of operands to these compu-
tational units. The sequencer supports conditional jumps and
subroutine calls and returns in a single cycle. With internal loop
counters and loop stacks, the ADMC326 executes looped code
with zero overhead; no explicit jump instructions are required to
maintain the loop.
Two data address generators (DAGs) provide addresses for
simultaneous dual operand fetches from data memory and pro-
gram memory. Each DAG maintains and updates four address
pointers (I registers). Whenever the pointer is used to access
data (indirect addressing), it is post-modified by the value in
one of four modify (M registers). A length value may be associ-
ated with each pointer (L registers) to implement automatic
modulo addressing for circular buffers. The circular buffering
feature is also used by the serial ports for automatic data trans-
fers to and from on-chip memory. DAG1 generates only data
memory address and provides an optional bit-reversal capability.
DAG2 may generate either program or data memory addresses
but has no bit-reversal capability.
Efficient data transfer is achieved with the use of five internal
buses:
• Program memory address (PMA) bus.
• Program memory data (PMD) bus.
• Data memory address (DMA) bus.
• Data memory data (DMD) bus.
• Result (R) bus.
Program memory can store both instructions and data, permit-
ting the ADMC326 to fetch two operands in a single cycle—
one from program memory and one from data memory. The
ADMC326 can fetch an operand from on-chip program memory
and the next instruction in the same cycle.
The ADMC326 writes data from its 16-bit registers to the 24-bit
program memory using the PX register to provide the lower
eight bits. When it reads data (not instructions) from 24-bit pro-
gram memory to a 16-bit data register, the lower eight bits are
placed in the PX register.
The ADMC326 can respond to a number of distinct DSP core
and peripheral interrupts. The DSP interrupts comprise a serial
port receive interrupt, a serial port transmit interrupt, a timer
interrupt, and two software interrupts. Additionally, the motor
control peripherals include two PWM interrupts and a PIO
interrupt.
The serial port (SPORT1) provides a complete synchronous
serial interface with optional companding in hardware and a
wide variety of framed and unframed data transmit and receive
modes of operation. SPORT1 can generate an internal program-
mable serial clock or accept an external serial clock.
A programmable interval counter is also included in the DSP
core and can be used to generate periodic interrupts. A 16-bit
count register (TCOUNT) is decremented every n processor
cycles, where n–1 is a scaling value stored in the 8-bit TSCALE
register. When the value of the counter reaches zero, an interrupt
is generated, and the count register is reloaded from a 16-bit
period register (TPERIOD).
The ADMC326 instruction set provides flexible data moves
and multifunction (one or two data moves with a computation)
instructions. Each instruction is executed in a single 50 ns pro-
cessor cycle (for a 10 MHz CLKIN). The ADMC326 assembly
language uses an algebraic syntax for ease of coding and read-
ability. A comprehensive set of development tools supports
program development. For further information on the DSP
core, refer to the ADSP-2100 Family User’s Manual, Third Edition,
with particular reference to the ADSP-2171.
Serial Port
The ADMC326 incorporates a complete synchronous serial
port (SPORT1) for serial communication and multiprocessor
communication. The following is a brief list of capabilities of the
ADMC326 SPORT1. Refer to the ADSP-2100 Family User’s
Manual, Third Edition, for further details.
• SPORT1 is bidirectional and has a separate, double-buffered
transmit and receive section.
• SPORT1 can use an external serial clock or generate its own
serial clock internally.
• SPORT1 has independent framing for the receive and trans-
mit sections. Sections run in a frameless mode or with frame
synchronization signals internally or externally generated.
Frame synchronization signals are active high or inverted,
with either of two pulsewidths and timings.
• SPORT1 supports serial data word lengths from 3 bits to 16
bits and provides optional A-law and
µ-law companding ac-
cording to ITU (formerly CCITT) recommendation G.711.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com