Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC326 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMC326
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMC326 Datasheet HTML 5Page - Analog Devices ADMC326 Datasheet HTML 6Page - Analog Devices ADMC326 Datasheet HTML 7Page - Analog Devices ADMC326 Datasheet HTML 8Page - Analog Devices ADMC326 Datasheet HTML 9Page - Analog Devices ADMC326 Datasheet HTML 10Page - Analog Devices ADMC326 Datasheet HTML 11Page - Analog Devices ADMC326 Datasheet HTML 12Page - Analog Devices ADMC326 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ADMC326
–9–
REV. A
• SPORT1 receive and transmit sections can generate unique
interrupts on completing a data word transfer.
• SPORT1 can receive and transmit an entire circular buffer of
data with only one overhead cycle per data word. An interrupt
is generated after a data buffer transfer.
• SPORT1 can be configured to have two external interrupts
(IRQ0 and IRQ1), and the Flag In and Flag Out signals.
The internally generated serial clock may still be used in this
configuration.
• SPORT1 has two data receive pins (DR1A and DR1B), which
are internally multiplexed onto the one DR1 port of the
SPORT1. The particular data receive pin selected is deter-
mined by a bit in the MODECTRL register.
PIN FUNCTION DESCRIPTION
The ADMC326 is available in a 28-lead SOIC package and a
28-lead PDIP package. Table I describes the pins.
Table I. Pin List
Group
# of
Input/
Name
Pins Output Function
RESET
1
I
Processor Reset Input
SPORT1
1
6
I/O
Serial Port 1 Pins (TFS1,
RFS1, DT1, DR1A, DR1B,
SCLK1)
CLKOUT
1
1
O
Processor Clock Output
CLKIN, XTAL
2
I, O
External Clock or Quartz
Crystal Connection Point
PIO0–PIO8
1
9
I/O
Digital I/O Port Pins
AUX0–AUX1
1
2
O
Auxiliary PWM Outputs
AH–CL
6
O
PWM Outputs
PWMTRIP
1
I
PWM Trip Signal
V1, V2, V3
3
I
Analog Inputs
VAUX0–VAUX2 3
I
Auxiliary Analog Input
ICONST
1
O
ADC Constant Current Source
VDD
1
Power Supply
GND
1
Ground
NOTE
1Multiplexed pins, selectable individually through the PIOSELECT and
PIODATA1 registers.
INTERRUPT OVERVIEW
The ADMC326 can respond to 16 different interrupt sources
with minimal overhead, five of which are internal DSP core
interrupts and 11 are from the motor control peripherals. The five
DSP core interrupts are SPORT1 receive (or
IRQ0) and trans-
mit (or
IRQ1), the internal timer, and two software interrupts.
The motor control peripheral interrupts are the nine program-
mable I/Os and two from the PWM (PWMSYNC pulse and
PWMTRIP). All motor control interrupts are multiplexed into the
DSP core through the peripheral
IRQ2 interrupt. The interrupts
are internally prioritized and individually maskable. A detailed
description of the entire interrupt system of the ADMC326 is
presented later, following a more detailed description of each
peripheral block.
Memory Map
The ADMC326 has two distinct memory types: program memory
and data memory. In general, program memory contains user
code and coefficients, while the data memory is used to store
variables and data during program execution. Both program
memory RAM and ROM are provided on the ADMC326. Pro-
gram memory RAM is arranged as one contiguous 512
× 24-bit
block, starting at address 0x0000. Program memory ROM is a
4K
× 24-bit block located at address 0x0800. Data memory is
arranged as a 512
× 16-bit block starting at address 0x3800. The
motor control peripherals are memory mapped into a region of
the data memory space starting at 0x2000. The complete program
and data memory maps are given in Tables II and III, respectively.
Table II. Program Memory Map
Memory
Address Range
Type
Function
0x0000–0x002F
RAM
Interrupt Vector Table
0x0030–0x01FF
RAM
User Program Memory
0x0200–0x07FF
Reserved
0x0800–0x17FF
ROM
User Program Memory
0x1800–0x3FFF
Reserved
Table III. Data Memory Map
Memory
Address Range
Type
Function
0x0000–0x1FFF
Reserved
0x2000–0x20FF
Memory Mapped Registers
0x2100–0x37FF
Reserved
0x3800–0x39FF
RAM
User Data Memory
0x3A00–0x3BFF
RAM
Reserved
0x3C00–0x3FFF
Memory Mapped Registers
SYSTEM INTERFACE
Figure 4 shows a basic system configuration for the ADMC326
with an external crystal.
ADMC326
XTAL
CLKIN
10MHz
CLKOUT
RESET
33pF
33pF
Figure 4. Basic System Configuration
Clock Signals
The ADMC326 can be clocked either by a crystal or a TTL-
compatible clock signal. For normal operation, the CLKIN
input cannot be halted, changed during operation, or operated
below the specified minimum frequency. If an external clock is
used, it should be a TTL-compatible signal running at half the
instruction rate. The signal is connected to the CLKIN pin of
the ADMC326. In this mode, with an external clock signal, the
XTAL pin must be left unconnected. The ADMC326 uses an
input clock with a frequency equal to half the instruction rate;
a 10 MHz input clock yields a 50 ns processor cycle (which is
equivalent to 20 MHz). Normally, instructions are executed in a
single processor cycle. All device timing is relative to the internal
instruction rate, which is indicated by the CLKOUT signal
when enabled.
Because the ADMC326 includes an on-chip oscillator feedback
circuit, an external crystal may be used instead of a clock source, as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com