Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMC326 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMC326
Description  28-Lead ROM-Based DSP Motor Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC326 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMC326 Datasheet HTML 16Page - Analog Devices ADMC326 Datasheet HTML 17Page - Analog Devices ADMC326 Datasheet HTML 18Page - Analog Devices ADMC326 Datasheet HTML 19Page - Analog Devices ADMC326 Datasheet HTML 20Page - Analog Devices ADMC326 Datasheet HTML 21Page - Analog Devices ADMC326 Datasheet HTML 22Page - Analog Devices ADMC326 Datasheet HTML 23Page - Analog Devices ADMC326 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ADMC326
–20–
REV. A
If the serial port communications use an internally generated
SCLK1, the PIO3/SCLK1 pin may be used as a general-purpose
PIO line. When external SCLK mode is selected, the PIO/SCLK1
pin must be enabled as SCLK1 (PIOSELECT [3] = 0).
When the DRIB data receive line of SPORT1 is selected as
the data receive line (MODECTRL [4] = 1), the PIO4/DRIA
line may be used as a general purpose PIO pin. When the DRIA
data receive line of SPORT1 is selected as the data receive line
(MODECTRL [4] = 0, the PIO2/DRIB line may be used as a
general-purpose PIO pin.
The functionality of the PIO6/CLKOUT, PIO7/AUX1, and
PIO8/AUX0 pins may be selected on a pin-by-pin basis as desired.
PIO Registers
The configuration of all registers of the PIO system is shown at
the end of the data sheet.
INTERRUPT CONTROL
The ADMC326 can respond to 16 different interrupt sources,
some of which are generated by internal DSP core interrupts
and others from the motor control peripherals. The DSP core
interrupts include the following:
· A Peripheral (or
IRQ2) Interrupt.
· A SPORT1 Receive (or
IRQ0) and a SPORT1 Transmit (or
IRQ1) Interrupt.
· Two Software Interrupts.
· An Interval Timer Time-Out Interrupt.
The interrupts generated by the motor control peripherals
include:
· A PWMSYNC Interrupt.
· Nine Programmable Input/Output (PIO) Interrupts.
· A PWM Trip Interrupt.
The core interrupts are internally prioritized and individually
maskable. All peripheral interrupts are multiplexed into the
DSP core through the peripheral (
IRQ2) interrupt.
The PWMSYNC interrupt is triggered by a low-to-high
transition on the PWMSYNC pulse. The
PWMTRIP interrupt
is triggered on a high-to-low transition on the
PWMTRIP pin,
an overcurrent on the ISENSE pin, or by writing to the PWMSWT
register. A PIO interrupt is detected on any change of state (high-
to-low or low-to-high) on the PIO lines.
The ADMC326 interrupt control system is configured and
controlled by the IFC, IMASK, and ICNTL registers of the
DSP core and by the IRQFLAG register for the PWMSYNC
and
PWMTRIP interrupts. PIO interrupts are enabled and dis-
abled by the PIOINTEN0 and PIOINTEN1 registers.
Table IX. Interrupt Vector Addresses
Interrupt Vector
Interrupt Source
Address
PWMTRIP
0x002C (Highest Priority)
Peripheral Interrupt (
IRQ2)
0x0004
PWMSYNC
0x000C
PIO
0x0008
Software Interrupt 1
0x0018
Software Interrupt 0
0x001C
SPORT1 Transmit Interrupt (or
IRQ1) 0x0020
SPORT1 Receive Interrupt (or
IRQ0)
0x0024
Timer
0x0028 (Lowest Priority)
Interrupt Masking
Interrupt masking (or disabling) is controlled by the IMASK
register of the DSP core. This register contains individual bits
that must be set to enable the various interrupt sources. If any
peripheral interrupt (PWMSYNC,
PWMTRIP or PIO) is to be
enabled, the
IRQ2 interrupt enable bit (Bit 9) of the IMASK
register must be set. The configuration of the IMASK register of
the ADMC326 is shown at the end of the data sheet.
Interrupt Configuration
The IFC and ICNTL registers of the DSP core control and
configure the interrupt controller of the DSP core. The IFC
register is a 16-bit register that may be used to force and/or clear
any of the eight DSP interrupts. Bits 0 to 7 of the IFC register
may be used to clear the DSP interrupts while Bits 8 to 15 can be
used to force a corresponding interrupt. Writing to Bits 11 and
12 in IFC is the only way to create the two software interrupts.
The ICNTL register is used to configure the sensitivity (edge or
level) of the
IRQ0, IRQ1 and IRQ2 interrupts and to enable/
disable interrupt nesting. Setting Bit 0 of ICNTL configures the
IRQ0 as edge-sensitive, while clearing the bit configures it for
level-sensitive. Bit 1 is used to configure the
IRQ1 interrupt.
Bit 2 is used to configure the
IRQ2 interrupt. It is recommended
that the
IRQ2 interrupt always be configured as level-sensitive
to ensure that no peripheral interrupts are lost. Setting Bit 4 of
the ICNTL register enables interrupt nesting.
Interrupt Operation
Following a reset, the ROM code on the ADMC326 must copy
a default interrupt vector table into program memory RAM
from address 0x0000 to 0x002F. Since each interrupt source
has a dedicated four-word space in this vector table, it is pos-
sible to code short interrupt service routines (ISRs) in place.
Alternatively, it may be necessary to insert a JUMP instruction
to the appropriate start address of the interrupt service routine if
more memory is required for the ISR.
When an interrupt occurs, the program sequencer ensures that
there is no latency (beyond synchronization delay) when pro-
cessing unmasked interrupts. In the case of the timer, SPORT1,
and software interrupts, the interrupt controller automatically
jumps to the appropriate location in the interrupt vector table.
At this point, a JUMP instruction to the appropriate ISR
is required.
Motor control peripheral interrupts are slightly different. When
a peripheral interrupt is detected, a bit is set in the IRQFLAG
register for PWMSYNC and
PWMTRIP or in the PIOFLAG0,
or PIOFLAG1 registers for a PIO interrupt, and the
IRQ2 line
is pulled low until all pending interrupts are acknowledged.
The DSP software must determine the source of the interrupts
by reading IRQFLAG register. If more than one interrupt oc-
curs simultaneously, the higher priority interrupt service routine
is executed. Reading the IRQFLAG register clears the
PWMTRIP
and PWMSYNC bits and acknowledges the interrupt, thus al-
lowing further interrupts when the ISR exits.
A user’s PIO interrupt service routine must read the PIOFLAG0
and PIOFLAG1 registers to determine which PIO port is the
source of the interrupt. Reading registers PIOFLAG0 and
PIOFLAG1 clears all bits in the registers and acknowledges the
interrupt, thus allowing further interrupts after the ISR exits.
The configuration of all these registers is shown at the end of
the data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com