Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3333
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333 Datasheet(HTML) 5 Page - Analog Devices

  ADP3333 Datasheet HTML 1Page - Analog Devices ADP3333 Datasheet HTML 2Page - Analog Devices ADP3333 Datasheet HTML 3Page - Analog Devices ADP3333 Datasheet HTML 4Page - Analog Devices ADP3333 Datasheet HTML 5Page - Analog Devices ADP3333 Datasheet HTML 6Page - Analog Devices ADP3333 Datasheet HTML 7Page - Analog Devices ADP3333 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. 0
–5–
ADP3333
VOUT = 2.5V
RL = 8.3
CL = 1 F
TIME –
s
3.00
3.50
2.49
2.50
2.51
40
80
140
180
2.52
TPC 10. Line Transient Response
TIME –
s
10
300
2.4
2.5
2.6
200
400
600
800
VIN = 4V
VOUT = 2.5V
CL = 10 F
2.7
TPC 13. Load Transient Response
FREQUENCY – Hz
10
100
1k
10k
100k
1M
10M
–20
–30
–40
–50
–60
–70
–80
–90
CL = 1 F
IL = 500mA
CL = 1 F
IL = 50 A
CL = 10 F
IL = 500mA
CL = 10 F
IL = 50 A
VOUT = 2.2V
TPC 16. Power Supply Ripple
Rejection
VOUT = 2.5V
RL = 8.3
CL = 10 F
TIME –
s
3.00
3.50
2.49
2.50
2.51
40
80
140
180
2.52
TPC 11. Line Transient Response
TIME –
s
0
1
2
2.5
200
400
600
800
VIN = 6V
3
VIN = 6V
0
TPC 14. Short Circuit Current
CL – F
0
10
0mA
0
20
40
60
80
120
20
30
40
50
100
300mA
TPC 17. RMS Noise vs. CL
(10 Hz–100 kHz)
VIN = 4V
VOUT = 2.5V
CL = 1 F
TIME –
s
200
400
600
800
10
2.4
2.5
2.6
300
2.7
TPC 12. Load Transient Response
TIME –
s
0
0
2
1
2
200
400
600
800
1 F
1 F
10 F
10 F
VIN = 6V
VOUT = 2.5V
RL = 8.3
3
TPC 15. Turn ON-Turn OFF
Response
FREQUENCY – Hz
100
10
100
1M
1k
10k
100k
10
1
0.1
0.01
0.001
VOUT = 2.5V
IL = 1mA
CL = 1 F
CL = 10 F
TPC 18. Output Noise Density



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com