Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3333
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333 Datasheet(HTML) 3 Page - Analog Devices

  ADP3333 Datasheet HTML 1Page - Analog Devices ADP3333 Datasheet HTML 2Page - Analog Devices ADP3333 Datasheet HTML 3Page - Analog Devices ADP3333 Datasheet HTML 4Page - Analog Devices ADP3333 Datasheet HTML 5Page - Analog Devices ADP3333 Datasheet HTML 6Page - Analog Devices ADP3333 Datasheet HTML 7Page - Analog Devices ADP3333 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADP3333
–3–
ORDERING GUIDE
Output
Package
Branding
Model
Voltage
Option
Information
ADP3333ARM-1.5
1.5 V
RM-8
LKA
(MSOP-8)
ADP3333ARM-1.8
1.8 V
RM-8
LKB
(MSOP-8)
ADP3333ARM-2.5
2.5 V
RM-8
LKC
(MSOP-8)
ADP3333ARM-2.77
2.77 V
RM-8
LKD
(MSOP-8)
ADP3333ARM-3
3 V
RM-8
LKE
(MSOP-8)
ADP3333ARM-3.15
3.15 V
RM-8
LKF
(MSOP-8)
ADP3333ARM-3.3
3.3 V
RM-8
LKG
(MSOP-8)
ADP3333ARM-5
5 V
RM-8
LKH
(MSOP-8)
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic Function
1
OUT
Output of the Regulator. Bypass to ground
with a 1.0
µF or larger capacitor.
2
IN
Input pin. Bypass to ground with a 1.0
µF
or larger capacitor.
3
GND
Ground Pin
4–6, 8 NC
No Connect
7
SD
Active Low Shutdown Pin. Connect to
ground to disable the regulator output.
When shutdown is not used, his pin should
be connected to the input pin
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3333 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
GND
IN
OUT
NC*
SD
NC
ADP3333
NC
NC
NC = NO CONNECT
*CAN BE CONNECTED
TO ANY OTHER PIN.
ABSOLUTE MAXIMUM RATINGS
*
Input Supply Voltage . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
Shutdown Input Voltage . . . . . . . . . . . . . . . . –0.3 V to +16 V
Power Dissipation . . . . . . . . . . . . . . . . . . . Internally Limited
Operating Ambient Temperature Range . . . . –40
°C to +85°C
Operating Junction Temperature Range . . . –40
°C to +125°C
JA (4-layer) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 158
°C/W
JA (2-layer) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com