Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3333
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333 Datasheet(HTML) 7 Page - Analog Devices

  ADP3333 Datasheet HTML 1Page - Analog Devices ADP3333 Datasheet HTML 2Page - Analog Devices ADP3333 Datasheet HTML 3Page - Analog Devices ADP3333 Datasheet HTML 4Page - Analog Devices ADP3333 Datasheet HTML 5Page - Analog Devices ADP3333 Datasheet HTML 6Page - Analog Devices ADP3333 Datasheet HTML 7Page - Analog Devices ADP3333 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. 0
ADP3333
–7–
Calculating Junction Temperature
Device power dissipation is calculated as follows:
PV
V
I
V
I
D
IN
OUT
LOAD
IN
GND
=−
()
+
()
Where ILOAD and IGND are load current and ground current, VIN
and VOUT are the input and output voltages respectively.
Assuming the worst-case operating conditions are ILOAD =
300 mA, IGND = 2.6 mA, VIN = 4.0 V and VOUT = 3.0 V, the
device power dissipation is:
P
V
V
mA
V
mA
mW
D =−
()
+
()
=
40
30
300
42
20
308
..
.
.
The package used on the ADP3333 has a thermal resistance of
158
°C/W for 4-layer boards. The junction temperature rise
above ambient will be approximately equal to:
TW
C W
C
A
J
=×
°
=
°
0 308
158
48 7
./
.
So, to limit the junction temperature to 125
°C, the maximum
allowable ambient temperature is:
TC
C
C
MAX
A()
..
=° −
° =
°
125
48 7
76 3
Shutdown Mode
Applying a high signal to the shutdown pin, or connecting it to
the input pin, will turn the output ON. Pulling the shutdown
pin to 0.3 V or below, or connecting it to ground, will turn the
output OFF. In shutdown mode, the quiescent current is reduced
to less than 1
µA.
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Keep the output capacitor as close to the output and ground
pins as possible.
2. Keep the input capacitor as close to the input and ground
pins as possible.
3. PC board traces with larger cross sectional areas will remove
more heat from the ADP3333. For optimum heat transfer,
specify thick copper and use wide traces.
4. Connect the NC pins (Pins 5, 6, and 8) to ground for better
thermal performance.
5. The thermal resistance can be decreased by approximately
10% by adding a few square centimeters of copper area to
the lands connected to the pins of the LDO.
6. Use additional copper layers or planes to reduce the thermal
resistance. Again, connecting the other layers to the ground and
NC pins of the ADP3333 is best, but not necessary. When
connecting the ground pad to other layers use multiple vias.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com