Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3333
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333 Datasheet(HTML) 2 Page - Analog Devices

  ADP3333 Datasheet HTML 1Page - Analog Devices ADP3333 Datasheet HTML 2Page - Analog Devices ADP3333 Datasheet HTML 3Page - Analog Devices ADP3333 Datasheet HTML 4Page - Analog Devices ADP3333 Datasheet HTML 5Page - Analog Devices ADP3333 Datasheet HTML 6Page - Analog Devices ADP3333 Datasheet HTML 7Page - Analog Devices ADP3333 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. 0
–2–
ADP3333–SPECIFICATIONS1 (V
IN = 6.0 V, CIN = COUT = 1.0
F, TJ = –40 C to +125 C, unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OUTPUT
Voltage Accuracy
2
VOUT
VIN = VOUTNOM 0.3 V to 12 V
0.8
0.8
%
IL = 0.1 mA to 300 mA
TJ = 25
°C
VIN = VOUTNOM 0.3 V to 12 V
–1.8
+1.8
%
IL = 0.1 mA to 300 mA
Line Regulation
2
VIN = VOUTNOM 0.3 V to 12 V
0.04
mV/V
TJ = 25°C
Load Regulation
IL = 0.1 mA to 300 mA
0.04
mV/mA
TJ = 25
°C
Dropout Voltage
VDROP
VOUT = 98% of VOUTNOM
IL = 300 mA
140
230
mV
IL = 200 mA
105
185
mV
IL = 0.1 mA
30
mV
Peak Load Current
ILDPK
VIN = VOUTNOM + 1 V
600
mA
Output Noise
VNOISE
f = 10 Hz–100 kHz, CL = 10
µF45
µV rms
IL = 300 mA
GROUND CURRENT
In Regulation
IGND
IL = 300 mA
2.0
5.5
mA
IL = 300 mA, TJ = 25
°C
2.0
4.3
mA
IL = 300 mA, TJ = 85°C
1.5
3.3
mA
IL = 200 mA
1.4
mA
IL = 10 mA
200
275
µA
IL = 0.1 mA
70
100
µA
In Dropout
IGND
VIN = VOUTNOM – 100 mV
70
190
µA
IL = 0.1 mA,
VIN = VOUTNOM – 100 mV
70
160
µA
IL = 0.1 mA, TJ = 0
°C to 125°C
In Shutdown
IGNDSD
SD = 0 V, V
IN = 12 V
0.01
1
µA
SHUTDOWN
Threshold Voltage
VTHSD
ON
2.0
V
OFF
0.4
V
SD Input Current
ISD
0
≤ SD ≤ 12 V
0.85
7
µA
0
≤ SD ≤ 5 V
0.8
4.5
µA
Output Current In Shutdown
IOSD
TJ = 25°C VIN = 12 V
0.01
1
µA
TJ = 125
°C V
IN = 12 V
0.01
1
µA
NOTES
1Application stable with no load.
2V
IN = 2.6 V for models with VOUTNOM ≤ 2.3 V.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com