Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3333 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3333
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333 Datasheet(HTML) 1 Page - Analog Devices

  ADP3333 Datasheet HTML 1Page - Analog Devices ADP3333 Datasheet HTML 2Page - Analog Devices ADP3333 Datasheet HTML 3Page - Analog Devices ADP3333 Datasheet HTML 4Page - Analog Devices ADP3333 Datasheet HTML 5Page - Analog Devices ADP3333 Datasheet HTML 6Page - Analog Devices ADP3333 Datasheet HTML 7Page - Analog Devices ADP3333 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
ADP3333
High Accuracy Ultralow IQ, 300 mA,
anyCAP® Low Dropout Regulator
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3333
OUT
GND
Q1
BANDGAP
REF
DRIVER
gm
SD
R1
R2
FEATURES
High Accuracy Over Line and Load:
0.8% @ 25 C,
1.8% Over Temperature
Ultralow Dropout Voltage: 230 mV (Max) @ 300 mA
Requires Only CO = 1.0
F for Stability
anyCAP = Stable with Any Type of Capacitor
(Including MLCC)
Current and Thermal Limiting
Low Noise
Low Shutdown Current: < 1
A
2.6 V to 12 V Supply Range
–40 C to +85 C Ambient Temperature Range
Ultrasmall 8-Lead MSOP Package
APPLICATIONS
Cellular Phones
PCMCIA Cards
Personal Digital Assistants (PDAs)
DSP/ASIC Supplies
GENERAL DESCRIPTION
ADP3333 is a member of the ADP333x family of precision low
dropout anyCAP voltage regulators. Pin-compatible with the
MAX8860, the ADP3333 operates with a wider input voltage
range of 2.6 V to 12 V and delivers a load current up to 300 mA.
ADP3333 stands out from other conventional LDOs with a
novel architecture and an enhanced process that enables it to
offer performance advantages over its competition. Its patented
design requires only a 1.0
µF output capacitor for stability. This
device is insensitive to output capacitor Equivalent Series Resis-
tance (ESR), and is stable with any good quality capacitor,
including ceramic (MLCC) types for space-restricted applica-
tions. ADP3333 achieves exceptional accuracy of
±0.8% at
room temperature and
±1.8% over temperature, line and load
variations. The dropout voltage of ADP3333 is only 140 mV
(typical) at 300 mA. This device also includes a safety current
limit, thermal overload protection and a shutdown feature. In
shutdown mode, the ground current is reduced to less than
1
µA. The ADP3333 has ultralow quiescent current, 70 µA (typ)
in light load situations.
ADP3333
NC
VIN
IN
GND
VOUT
ON
OFF
OUT
SD
CIN
1 F
COUT
1 F
NC = NO CONNECT
Figure 1. Typical Application Circuit
anyCAP is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADP3333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.5-RL AD-ADP3333ARM-1.5-RL Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.5-RL AD-ADP3333ARM-1.5-RL Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.5-RL7 AD-ADP3333ARM-1.5-RL7 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.5-RL7 AD-ADP3333ARM-1.5-RL7 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
More results

Similar Description - ADP3333

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV.0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333ARM-2.5 AD-ADP3333ARM-2.5 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com