Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3000 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3000
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB3000 Datasheet(HTML) 5 Page - Texas Instruments

  TS3USB3000 Datasheet HTML 1Page - Texas Instruments TS3USB3000 Datasheet HTML 2Page - Texas Instruments TS3USB3000 Datasheet HTML 3Page - Texas Instruments TS3USB3000 Datasheet HTML 4Page - Texas Instruments TS3USB3000 Datasheet HTML 5Page - Texas Instruments TS3USB3000 Datasheet HTML 6Page - Texas Instruments TS3USB3000 Datasheet HTML 7Page - Texas Instruments TS3USB3000 Datasheet HTML 8Page - Texas Instruments TS3USB3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS3USB3000
www.ti.com
SCDS337 – DECEMBER 2012
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C, Typical values are at VCC = 3.3V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MHL SWITCH
RON
ON-state resistance
VCC = 2.7V
VI/O = 1.65V, ION = –8mA
5.7
9.0
Ω
ON-state resistance match
ΔRON
VCC = 2.7V
VI/O = 1.65V, ION = –8mA
0.1
Ω
between + and – paths
RON (FLAT)
ON-state resistance flatness
VCC = 2.7V
VI/O = 1.65V to 3.45V, ION = –8mA
1
Ω
Switch OFF, VMHL+/MHL– = 1.65V to 3.45V,
IOZ
OFF leakage current
VCC = 4.3V
–2
2
µA
VD+/D– = 0V
Switch ON or OFF, VMHL+/MHL– = 1.65V to
3.45V,
IOFF
Power-off leakage current
VCC = 0V
–10
10
µA
VD+/D– = NC
Switch ON, VMHL+/MHL– = 1.65V to 3.45V,
ION
ON leakage current
VCC = 4.3V
–2
2
µA
VD+/D– = NC
USB SWITCH
RON
ON-state resistance
VCC = 2.7V
VI/O = 0.4V, ION = –8 mA
4.6
7.5
Ω
ON-state resistance match
ΔRON
VCC = 2.7V
VI/O = 0.4V, ION = –8 mA
0.1
Ω
between + and – paths
RON (FLAT)
ON-state resistance flatness
VCC = 2.7V
VI/O = 0V to 0.4V, ION = –8 mA
1
Ω
Switch OFF, VUSB+/USB– = 0V to 3.6V,
IOZ
OFF leakage current
VCC = 4.3V
–2
2
µA
VD+/D– = 0V
Switch ON or OFF, VUSB+/USB– = 0V to
3.6V,
IOFF
Power-off leakage current
VCC = 0V
–10
10
µA
VD+/D– = NC
Switch ON, VUSB+/USB– = 0V to 3.6V,
ION
ON leakage current
VCC = 4.3V
–2
2
µA
VD+/D– = NC
DIGITAL CONTROL INPUTS (SEL, OE)
VIH
Input logic high
VCC = 2.7V to 4.3V
1.3
V
VIL
Input logic low
VCC = 2.7V to 4.3V
0.6
V
IIN
Input leakage current
VCC = 4.3V, VI/O = 0V to 3.6V, VIN = 0 to 4.3V
–10
10
μA
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS3USB3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com