Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3000
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB3000 Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB3000 Datasheet HTML 1Page - Texas Instruments TS3USB3000 Datasheet HTML 2Page - Texas Instruments TS3USB3000 Datasheet HTML 3Page - Texas Instruments TS3USB3000 Datasheet HTML 4Page - Texas Instruments TS3USB3000 Datasheet HTML 5Page - Texas Instruments TS3USB3000 Datasheet HTML 6Page - Texas Instruments TS3USB3000 Datasheet HTML 7Page - Texas Instruments TS3USB3000 Datasheet HTML 8Page - Texas Instruments TS3USB3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
D+
USB+
MHL+
Control
Logic
SEL
/OE
D-
USB-
MHL-
TS3USB3000
TS3USB3000
www.ti.com
SCDS337 – DECEMBER 2012
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
Check for Samples: TS3USB3000
1
FEATURES
DESCRIPTION
The TS3USB3000 is a double-pole, double throw
•
VCC Range 2.7V to 4.3V
(DPDT) multiplexer that includes a high speed Mobile
•
Mobile Hi-definition Link (MHL) Switch
High-Definition Link (MHL) switch and an USB 2.0
–
Bandwidth (-3dB) 6.1 GHz
High-Speed
(480Mbps)
switches
in
the
same
package. These configurations allow the system
–
Ron (Typ) 5.7
Ω
designer to use a common USB or Mico-USB
–
Con (Typ) 1.6 pF
connector for both MHL video signals and USB data.
•
USB Switch
The TS3USB3000 has a VCC range of 2.7V to 4.3V
–
Bandwidth (-3dB) 6.1 GHz
and supports over-voltage tolerance (OVT) feature,
–
Ron (Typ) 4.6
Ω
which allows the I/O pins to withstand over-voltage
conditions (up to 5.5V). The power-off protection
–
Con (Typ) 1.4 pF
feature forces all I/O pins to be in high impedance
•
Current Consumption 30 µA Typ
mode when power is not present, allowing full
•
Special Features
isolation of the signals lines under such condition
without excessive leakage current. The select pins of
–
IOFF Protection Prevents Current Leakage in
TS3USB3000
are
compatible
with
1.8V
control
Powered Down State (VCC and VBUS = 0 V)
voltage, allowing them to be directly interfaced with
–
1.8-V Compatible Control Inputs (SEL, OE)
the General Purpose I/O (GPIO) from a mobile
–
Over-Voltage Tolerance (OVT) on all I/O
processor.
Pins up to 5.5V Without External
The TS3USB3000 comes with a small 10-pin QFN
Components
package with only 2.0mm x 1.5mm is size, which
•
ESD Performance
makes it a perfect candidate to be used in mobile
applications.
–
3.5 kV Human Body Model (A114B, Class II)
–
1 kV Charged Device Model (C101)
•
10-pin QFN Package (2.0x1.5 mm, 0.5 mm
Pitch)
SWITCH DIAGRAM
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
QFN– RSE
Tape and reel
TS3USB3000RSER
DSJ
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS3USB3000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3000MRSER TI1-TS3USB3000MRSER Datasheet
1Mb / 26P
DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
TS3USB3000RLSR TI1-TS3USB3000RLSR Datasheet
1Mb / 26P
DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
TS3USB3000RSER TI1-TS3USB3000RSER Datasheet
1Mb / 26P
DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
TS3USB3000 TI1-TS3USB3000_15 Datasheet
1Mb / 26P
DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
More results

Similar Description - TS3USB3000

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
Mobile High-Definition Link (MHL) Technology Transmitter
logo
Texas Instruments
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
logo
Fairchild Semiconductor
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
FSA3230 FAIRCHILD-FSA3230 Datasheet
445Kb / 3P
High-Speed USB2.0 / Mobile High- Definition Link (MHL?? with Negative Swing Audio
logo
Texas Instruments
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3000 TI1-TS3USB3000_15 Datasheet
1Mb / 26P
DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
logo
Will Semiconductor Ltd.
WAS7222Q WILLSEMI-WAS7222Q Datasheet
682Kb / 9P
USB High speed (480Mbps), DPDT Analog Switch
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
USB High speed (480Mbps), DPDT Analog Switch
WAS4731Q WILLSEMI-WAS4731Q Datasheet
497Kb / 9P
3:1 High speed (-3dB bandwidth 1.8GHz) Switch with Mobile High-Definition Link (MHL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com