Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3000 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3000
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB3000 Datasheet(HTML) 3 Page - Texas Instruments

  TS3USB3000 Datasheet HTML 1Page - Texas Instruments TS3USB3000 Datasheet HTML 2Page - Texas Instruments TS3USB3000 Datasheet HTML 3Page - Texas Instruments TS3USB3000 Datasheet HTML 4Page - Texas Instruments TS3USB3000 Datasheet HTML 5Page - Texas Instruments TS3USB3000 Datasheet HTML 6Page - Texas Instruments TS3USB3000 Datasheet HTML 7Page - Texas Instruments TS3USB3000 Datasheet HTML 8Page - Texas Instruments TS3USB3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
D+
D-
MicroUSB
Connector
D+
D-
COM
USB_D+
USB+
USB-
MHL+
MHL-
CBUS
HDMI
Baseband or
Application
Processor
TS3USB3000
HDMI to
MHL Bridge
VBAT
To
Battery
Charger
VBUS
ID
GND
VCC
USB_D-
MHL+
MHL-
SEL
GND
ID_USB
TS5A3157
/OE
GPO2
GPO1
TS3USB3000
www.ti.com
SCDS337 – DECEMBER 2012
TYPICAL APPLICATION
Figure 1 represents a typical application of the TS3USB3000 MHL switch. The TS3USB3000 is used to switch
signals between the USB path, which goes to the baseband or application processor, or the MHL path, which
goes to the HDMI to MHL bridge. The TS3USB3000 has internal 6M
Ω pull-down resistors on SEL and OE. The
pull-down on SEL ensure the USB channel is selected by default. The pull-down on OE enables the switch when
power is applied. The TS5A3157 is a separate SPDT switch that is used to switch between MHL’s CBUS and the
USB ID line that is needed for USB OTG (USB On-The-Go) application.
Figure 1. Typical TS3USB3000 Application
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS3USB3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com