Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3000 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3000
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB3000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3USB3000 Datasheet HTML 6Page - Texas Instruments TS3USB3000 Datasheet HTML 7Page - Texas Instruments TS3USB3000 Datasheet HTML 8Page - Texas Instruments TS3USB3000 Datasheet HTML 9Page - Texas Instruments TS3USB3000 Datasheet HTML 10Page - Texas Instruments TS3USB3000 Datasheet HTML 11Page - Texas Instruments TS3USB3000 Datasheet HTML 12Page - Texas Instruments TS3USB3000 Datasheet HTML 13Page - Texas Instruments TS3USB3000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TS3USB3000
SCDS337 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 9. Eye Pattern and Time Interval Error Histogram: 3.0 Gbps With No Device
The TS3USB3000 contributes only 5.8ps of peak-to-peak jitter for 3.0 Gbps data rate.
Figure 10. Eye Pattern and Time Interval Error Histogram: 3.0 Gbps for MHL Switch
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TS3USB3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com