Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3000 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3000
Description  DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3USB3000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3USB3000 Datasheet HTML 2Page - Texas Instruments TS3USB3000 Datasheet HTML 3Page - Texas Instruments TS3USB3000 Datasheet HTML 4Page - Texas Instruments TS3USB3000 Datasheet HTML 5Page - Texas Instruments TS3USB3000 Datasheet HTML 6Page - Texas Instruments TS3USB3000 Datasheet HTML 7Page - Texas Instruments TS3USB3000 Datasheet HTML 8Page - Texas Instruments TS3USB3000 Datasheet HTML 9Page - Texas Instruments TS3USB3000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TS3USB3000
SCDS337 – DECEMBER 2012
www.ti.com
DYNAMIC CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
Propagation Delay
100
ps
tON
Turn-on time (SEL to Output)
400
ns
tOFF
Turn-off time (SEL to Output)
400
ns
RL = 50Ω,
tZH, ZL (MHL)
MHL Enable Time (OE to Output)
100
µs
VI/O = 3.3 V or 0 V
CL = 5 pF,
tHZ, LZ (MHL)
MHL Disable Time (OE to Output)
200
ns
VCC = 2.7 V to
4.3 V
tZH, ZL (USB)
USB Enable Time (OE to Output)
100
µs
VI/O = 0.8 V or 0 V
tHZ, LZ (USB)
USB Disable Time (OE to Output)
200
ns
Skew of opposite transitions of
tSK(P)
20
ps
same output
CON(MHL)
MHL path ON capacitance
Switch ON
1.6
2.0
pF
VCC = 3.3 V, VI/O = 0 or 3.3 V,
f = 240 MHz
CON(USB)
USB path ON capacitance
Switch ON
1.4
2.0
pF
COFF(MHL)
MHL path OFF capacitance
Switch OFF
1.4
2.0
pF
VCC = 3.3 V, VI/O = 0 or 3.3 V
f = 240 MHz
COFF(USB)
USB path OFF capacitance
Switch OFF
1.6
2.0
pF
CI
Digital input capacitance
VCC = 3.3 V, VI = 0 or 2 V
2.2
pF
VCC =2.7 V to 4.3 V, RL = 50 Ω,
OISO
OFF Isolation
Switch OFF
-34
dB
f = 240 MHz
VCC =2.7 V to 4.3 V, RL = 50 Ω,
XTALK
Crosstalk
Switch ON
-37
dB
f = 240 MHz
VCC =2.7 V to 4.3 V, RL = 50 Ω,
BW(MHL)
MHL path –3dB bandwidth
Switch ON
6.1
GHz
f = 240 MHz
BW(USB)
USB path –3dB bandwidth
VCC =2.7 V to 4.3 V, RL = 50 Ω,
Switch ON
6.1
GHz
SUPPLY
VCC
Power supply voltage
2.7
4.3
V
VCC = 4.3 V, VIN = VCC or GND, VI/O = 0 V,
ICC
Positive supply current
30
50
µA
Switch ON or OFF
VCC = 4.3 V, VIN = VCC or GND, VI/O = 0 V,
Power supply current in high-Z
Icc, HZ
5
10
µA
mode
Switch ON or OFF, OE = H
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TS3USB3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com