Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8412 Datasheet(PDF) 6 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 6 Page - Analog Devices

Back Button DAC8412 Datasheet HTML 2Page - Analog Devices DAC8412 Datasheet HTML 3Page - Analog Devices DAC8412 Datasheet HTML 4Page - Analog Devices DAC8412 Datasheet HTML 5Page - Analog Devices DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices DAC8412 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DAC8412/DAC8413
–6–
REV. D
PIN CONFIGURATIONS
Plastic DIP
VREFH
VOUTB
VOUTA
VSS
DGND
RESET
LDAC
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB10
DB9
DB8
DB7
DB11 (MSB)
R/
W
A1
A0
CS
VLOGIC
VDD
VOUTD
VOUTC
VREFL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC8412
DAC8413
TOP VIEW
(NOT TO SCALE)
PLCC
5
6
7
8
9
10
11
DGND
RESET
LDAC
DB0 (LSB)
DB1
DB2
DB3
25
24
23
22
21
20
19
VDD
VLOGIC
CS
A0
A1
R/
W
DB11 (MSB)
4
3
2
1
28 27 26
12 13 14 15 16 17
18
DAC8412PC
DAC8413PC
TOP VIEW
(NOT TO SCALE)
LCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
4
3
2
1
28 27 26
VDD
VLOGIC
CS
A0
A1
R/
W
DB11 (MSB)
DGND
RESET
LDAC
DB0 (LSB)
DB1
DB2
DB3
12 13 14 15 16 17
18
DAC8412TC
DAC8413TC
TOP VIEW
(NOT TO SCALE)
PIN FUNCTION DESCRIPTIONS
Pin
Name
Description
1VREFH
High-Side DAC Reference Input
2VOUTB
DAC B Output
3VOUTA
DAC A Output
4VSS
Lower-Rail Power Supply
5
DGND
Digital Ground
6
RESET
Reset Input and Output Registers to all 0s,
Enabled at Active Low
7
LDAC
Load Data to DAC, Enabled at Active Low
8
DB0
Data Bit 0, LSB
9
DB1
Data Bit 1
10
DB2
Data Bit 2
11
DB3
Data Bit 3
12
DB4
Data Bit 4
13
DB5
Data Bit 5
14
DB6
Data Bit 6
15
DB7
Data Bit 7
16
DB8
Data Bit 8
17
DB9
Data Bit 9
18
DB10
Data Bit 10
19
DB11
Data Bit 11, MSB
20
R/
W
Active Low to Write Data to DAC. Active
High to Readback Previous Data at Data Bit
Pins with VLOGIC Connected to +5 V
21
A1
Address Bit 1
22
A0
Address Bit 0
23
CS
Chip Select, Enabled at Active Low
24
VLOGIC
Voltage Supply for Readback Function. Can
be Open Circuit If Not Used
25
VDD
Upper-Rail Power Supply
26
VOUTD
DAC D Output
27
VOUTC
DAC C Output
28
VREFL
Low-Side DAC Reference Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com