Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8412 Datasheet(PDF) 2 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 2 Page - Analog Devices

  DAC8412 Datasheet HTML 1Page - Analog Devices DAC8412 Datasheet HTML 2Page - Analog Devices DAC8412 Datasheet HTML 3Page - Analog Devices DAC8412 Datasheet HTML 4Page - Analog Devices DAC8412 Datasheet HTML 5Page - Analog Devices DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
–2–
REV. D
DAC8412/DAC8413–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Integral Nonlinearity Error
INL
E Grade
0.25
±0.5
LSB
INL
F Grade
±1
LSB
Differential Nonlinearity Error
DNL
Monotonic Over Temperature
–1
LSB
Min-Scale Error
VZSE
RL = 2 k
Ω±2
LSB
Full-Scale Error
VFSE
RL = 2 k
Ω±2
LSB
Min-Scale Tempco
TCVZSE
RL = 2 k
Ω
15
ppm/
°C
Full-Scale Tempco
TCVFSE
RL = 2 k
Ω
20
ppm/
°C
Linearity Matching
Adjacent DAC Matching
±1
LSB
REFERENCE
Positive Reference Input Voltage Range
Note 2
VREFL + 2.5
VDD – 2.5
V
Negative Reference Input Voltage Range
Note 2
–10
VREFH – 2.5 V
Reference High Input Current
IREFH
–2.75
+1.5
+2.75
mA
Reference Low Input Current
IREFL
0
+2
+2.75
mA
Large Signal Bandwidth
BW
–3 dB, VREFH = 0 V to +10 V p-p
160
kHz
AMPLIFIER CHARACTERISTICS
Output Current
IOUT
RL = 2 k
Ω, C
L = 100 pF
–5
+5
mA
Settling Time
tS
to 0.01%, 10 V Step, RL = 1 k
Ω
10
µs
Slew Rate
SR
10% to 90%
2.2
V/
µs
Analog Crosstalk
72
dB
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
TA = +25
°C2.4
V
Logic Input Low Voltage
VINL
TA = +25
°C
0.8
V
Logic Output High Voltage
VOH
IOH = +0.4 mA
2.4
V
Logic Output Low Voltage
VOL
IOL = –1.6 mA
0.4
V
Logic Input Current
IIN
1
µA
Input Capacitance
CIN
8pF
Digital Feedthrough
3
VREFH = +2.5 V, VREFL = 0 V
5
nV-s
LOGIC TIMING CHARACTERISTICS
3
Note 4
Chip Select Write Pulsewidth
tWCS
80
ns
Write Setup
tWS
tWCS = 80 ns
0
ns
Write Hold
tWH
tWCS = 80 ns
0
ns
Address Setup
tAS
0ns
Address Hold
tAH
0ns
Load Setup
tLS
70
ns
Load Hold
tLH
30
ns
Write Data Setup
tWDS
tWCS = 80 ns
20
ns
Write Data Hold
tWDH
tWCS = 80 ns
0
ns
Load Data Pulsewidth
tLDW
170
ns
Reset Pulsewidth
tRESET
140
ns
Chip Select Read Pulsewidth
tRCS
130
ns
Read Data Hold
tRDH
tRCS = 130 ns
0
ns
Read Data Setup
tRDS
tRCS = 130 ns
0
ns
Data to Hi Z
tDZ
CL = 10 pF
200
ns
Chip Select to Data
tCSD
CL = 100 pF
160
ns
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSS
14.25 V
≤ VDD ≤ 15.75 V
150
ppm/V
Positive Supply Current
IDD
VREFH = +2.5 V
8.5
12
mA
Negative Supply Current
ISS
–10
–6.5
mA
Power Dissipation
PDISS
330
mW
NOTES
1All supplies can be varied
± 5%, and operation is guaranteed. Device is tested with nominal supplies.
2Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.
3All parameters are guaranteed by design.
4All input control signals are specified with tr = tf = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
Specifications subject to change without notice.
(@ VDD = +15.0 V, VSS = –15.0 V, VLOGIC = +5.0 V, VREFH = +10.0 V, VREFL = –10.0 V,
–40 C
≤ TA ≤ +85 C unless otherwise noted. See Note 1 for supply variations.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com