Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8412 Datasheet(PDF) 13 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 13 Page - Analog Devices

Back Button DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices DAC8412 Datasheet HTML 10Page - Analog Devices DAC8412 Datasheet HTML 11Page - Analog Devices DAC8412 Datasheet HTML 12Page - Analog Devices DAC8412 Datasheet HTML 13Page - Analog Devices DAC8412 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DAC8412/DAC8413
–13–
REV. D
The 0.2
µF bypass capacitors shown at the reference inputs
in Figure 37 should be used whenever
± 10 V references are
used. Applications with single references or references to
±5 V
may not require the 0.2
µF bypassing. The 6.2 Ω resistor in series
with the output of the reference amplifier is to keep the amplifier
from oscillating with the capacitive load. We have found that this is
large enough to stabilize this circuit. Larger resistor values are
acceptable, provided that the drop across the resistor doesn’t
exceed a VBE. Assuming a minimum VBE of 0.6 V and a maxi-
mum current of 2.75 mA, then the resistor should be under
200
Ω for the loading of a single DAC8412.
Using two separate references is not recommended. Having two
references could cause different drifts with time and tempera-
ture; whereas with a single reference, most drifts will track.
Unipolar positive full-scale operation can usually be set with a
reference with the correct output voltage. This is preferable to
using a reference and dividing down to the required value. For a
10 V full-scale output, the circuit can be configured as shown
in Figure 38. In this configuration the full-scale value is set first
by adjusting the 10 k
Ω resistor for a full-scale output of 9.9976 V.
0.1 F
//10 F
VREFH
VREFL
VDD
VSS
DAC8412
OR
DAC8413
10k
0.2 F
0.01 F
10 F
–15V
GND
TRIM
OUTPUT
ZERO TO –10V OPERATION
REF08
Figure 38. Unipolar –10 V Operation
Figure 38 shows the DAC8412 configured for –10 V to 0 V
operation. A REF08 with a –10 V output is connected directly
to VREFL for the reference voltage.
Single +5 V Supply Operation
For operation with a +5 V supply, the reference voltage should be
set between 1.0 V and +2.5 V for optimum linearity. Figure
39 shows a REF43 used to supply a +2.5 V reference voltage.
The headroom of the reference and DAC are both sufficient to
support a +5 V supply with
± 5% tolerance. VDD and VLOGIC
should be connected to the same supply. Separate bypassing
to each pin should also be used.
+5V
10 F
0.1 F
//10 F
0.01 F
10k
INPUT
OUTPUT
GND
TRIM
VREFH
VREFL
0.2 F
ZERO TO +2.5V OPERATION
SINGLE +5V SUPPLY
REF43
DAC8412
OR
DAC8413
VDD
VSS
Figure 39. +5 V Single Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com