Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8412 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 1 Page - Analog Devices

  DAC8412 Datasheet HTML 1Page - Analog Devices DAC8412 Datasheet HTML 2Page - Analog Devices DAC8412 Datasheet HTML 3Page - Analog Devices DAC8412 Datasheet HTML 4Page - Analog Devices DAC8412 Datasheet HTML 5Page - Analog Devices DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
DAC8412/DAC8413
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Quad, 12-Bit DAC
Voltage Output with Readback
FUNCTIONAL BLOCK DIAGRAM
VREFH
VOUTA
VDD
VOUTB
VOUTC
VOUTD
VREFL VSS
VLOGIC
DGND
DATA
I/O
A0
A1
R/
W
CS
RESET
LDAC
12
I/O
PORT
CONTROL
LOGIC
INPUT
REG A
OUTPUT
REG A
DAC A
INPUT
REG B
INPUT
REG D
INPUT
REG C
OUTPUT
REG B
OUTPUT
REG C
OUTPUT
REG D
DAC B
DAC C
DAC D
FEATURES
+5 V to
15 V Operation
Unipolar or Bipolar Operation
True Voltage Output
Double-Buffered Inputs
Reset to Min (DAC8413) or Center Scale (DAC8412)
Fast Bus Access Time
Readback
APPLICATIONS
Automatic Test Equipment
Digitally Controlled Calibration
Servo Controls
Process Control Equipment
GENERAL DESCRIPTION
The DAC8412 and DAC8413 are quad, 12-bit voltage output
DACs with readback capability. Built using a complementary
BiCMOS process, these monolithic DACs offer the user very
high package density.
Output voltage swing is set by the two reference inputs VREFH
and VREFL. By setting the VREFL input to 0 V and VREFH to a
positive voltage, the DAC will provide a unipolar positive output
range. A similar configuration with VREFH at 0 V and VREFL at
a negative voltage will provide a unipolar negative output range.
Bipolar outputs are configured by connecting both VREFH and
VREFL to nonzero voltages. This method of setting output voltage
range has advantages over other bipolar offsetting methods because
it is not dependent on internal and external resistors with different
temperature coefficients.
Digital controls allow the user to load or read back data from any
DAC, load any DAC and transfer data to all DACs at one time.
An active low
RESET loads all DAC output registers to mid-
scale for the DAC8412 and zero scale for the DAC8413.
The DAC8412/DAC8413 are available in 28-lead plastic DIP,
PLCC and LCC packages. They can be operated from a wide
variety of supply and reference voltages with supplies ranging
from single +5 V to
±15 V, and references from +2.5 V to ±10 V.
Power dissipation is less than 330 mW with
±15 V supplies and
only 60 mW with a +5 V supply.
For MIL-STD-883 applications, contact your local ADI sales
office for the DAC8412/DAC8413/883 data sheet which specifies
operation over the –55
°C to +125°C temperature range. All
883 parts are also available on Standard Military Drawings
5962-91 76401MXA through 76404M3A.
DIGITAL INPUT CODE – Decimal
0.500
0.125
0
4096
512
1024
1536
2046
2548
2560
3072
0.375
–0.125
–0.250
–0.375
–0.500
0.250
0
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = –55 C, +25 C, +125 C
+125 C
–55 C
+25 C
Figure 1. INL vs. Code Over Temperature


Similar Part No. - DAC8412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8412 AD-DAC8412 Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412 AD-DAC8412 Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412 AD-DAC8412 Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
More results

Similar Description - DAC8412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
DAC8412FPCZ AD-DAC8412FPCZ Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412 AD-DAC8412_15 Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8413 AD-DAC8413_15 Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com