Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8412 Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 3 Page - Analog Devices

  DAC8412 Datasheet HTML 1Page - Analog Devices DAC8412 Datasheet HTML 2Page - Analog Devices DAC8412 Datasheet HTML 3Page - Analog Devices DAC8412 Datasheet HTML 4Page - Analog Devices DAC8412 Datasheet HTML 5Page - Analog Devices DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
–3–
REV. D
DAC8412/DAC8413
(@ VDD = VLOGIC = +5.0 V
5%, VSS = 0.0 V, VREFH = +2.5 V, VREFL = 0.0 V, and VSS = –5.0 V
5%,
VREFL = –2.5 V, –40 C
≤ TA ≤ +85 C unless otherwise noted. See Note 1 for supply variations.)
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Integral Nonlinearity Error
INL
E Grade
1/2
±1
LSB
INL
F Grade
±2
LSB
INL
VSS = 0.0 V; E Grade
2
±2
LSB
INL
VSS = 0.0 V; F Grade
2
±4
LSB
Differential Nonlinearity Error
DNL
Monotonic Over Temperature
–1
LSB
Min-Scale Error
VZSE
VSS = –5.0 V
±4
LSB
Full-Scale Error
VFSE
VSS = –5.0 V
±4
LSB
Min-Scale Error
VZSE
VSS = 0.0 V
±8
LSB
Full-Scale Error
VFSE
VSS = 0.0 V
±8
LSB
Min-Scale Tempco
TCVZSE
100
ppm/
°C
Full-Scale Tempco
TCVFSE
100
ppm/
°C
Linearity Matching
Adjacent DAC Matching
±1
LSB
REFERENCE
Positive Reference Input Voltage Range
Note 3
VREFL + 2.5
VDD – 2.5
V
Negative Reference Input Voltage Range
VSS = 0.0 V
0
VREFH – 2.5 V
VSS = –5.0 V
–2.5
VREFH – 2.5 V
Reference High Input Current
IREFH
Code 000H
–1.0
+1.0
mA
Large Signal Bandwidth
BW
–3 dB, VREFH = 0 V to 2.5 V p-p
450
kHz
AMPLIFIER CHARACTERISTICS
Output Current
IOUT
RL = 2 k
Ω, C
L = 100 pF
–1.25
+1.25
mA
Settling Time
tS
to 0.01%, 2.5 V Step, RL = 1 k
Ω
7
µs
Slew Rate
SR
10% to 90%
2.2
V/
µs
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
TA = +25
°C2.4
V
Logic Input Low Voltage
VINL
TA = +25
°C0.8
V
Logic Output High Voltage
VOH
IOH = +0.4 mA
2.4
V
Logic Output Low Voltage
VOL
IOL = –1.6 mA
0.45
V
Logic Input Current
IIN
1
µA
Input Capacitance
CIN
8pF
LOGIC TIMING CHARACTERISTICS
4
Note 5
Chip Select Write Pulsewidth
tWCS
150
ns
Write Setup
tWS
tWCS = 150 ns
0
ns
Write Hold
tWH
tWCS = 150 ns
0
ns
Address Setup
tAS
0ns
Address Hold
tAH
0ns
Load Setup
tLS
70
ns
Load Hold
tLH
50
ns
Write Data Setup
tWDS
tWCS = 150 ns
20
ns
Write Data Hold
tWDH
tWCS = 150 ns
0
ns
Load Data Pulsewidth
tLDW
180
ns
Reset Pulsewidth
tRESET
150
ns
Chip Select Read Pulsewidth
tRCS
170
ns
Read Data Hold
tRDH
tRCS = 170 ns
20
ns
Read Data Setup
tRDS
tRCS = 170 ns
0
ns
Data to Hi Z
tDZ
CL = 10 pF
200
ns
Chip Select to Data
tCSD
CL = 100 pF
320
ns
SUPPLY CHARACTERISTICS
Power Supply Sensitivity
PSS
100
ppm/V
Positive Supply Current
IDD
712
mA
Negative Supply Current
ISS
VSS = –5.0 V
–10
mA
Power Dissipation
PDISS
VSS = 0 V
60
mW
VSS = –5 V
110
mW
NOTES
1All supplies can be varied
±5%, and operation is guaranteed. Device is tested with V
DD = +4.75 V.
2For single supply operation only (V
REFL = 0.0 V, VSS = 0.0 V): Due to internal offset errors, INL and DNL are measured beginning at code 2 (002 H).
3Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.
4All parameters are guaranteed by design.
5All input control signals are specified with tr = tf = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com