Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F28M36P63C2ZWTQ Datasheet(PDF) 39 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 39 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 35Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 36Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 37Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 38Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 39Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 40Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 41Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 42Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
SSI0, or I2C0 peripheral. (SSI0 and I2C0 are configured to work in Slave mode in this Boot Mode.) If the
boot pins are set to 0011b, the application code will be loaded from the Master Subsystem CAN interface.
Furthermore, if the boot pins are set to 0100b, the application code will be loaded through the Master
Subsystem Ethernet interface; the IOs used in this Boot Mode are compatible with the F28M35x device. If
the boot pins are set to 1001b or 1010b, then the application code will be loaded through the SSI0 or I2C0
interface, respectively. SSI0 and I2C0 loaders work in Master Mode in this boot mode. If the boot pins are
set to 1100b, then the application code will be loaded through the Master Subsystem Ethernet interface;
the IOs used in this Boot Mode are F28M36x IOs, which are available only in a BGA package.
Regardless of the type of boot mode selected, once the Master application code is resident in Master
Flash or RAM, the next step for the M-Bootloader is to branch to Master Flash or RAM. At that point, the
application code takes over control from the M-Bootloader, and the boot process continues as prescribed
by the application code. At this stage, the Master application program typically establishes communication
with the C-Bootloader, which by now, would have already initialized the Control Subsystem and forced the
C28x to go into Idle mode. To wake the Control Subsystem out of Idle mode, the Master application
issues the Master-to-Control-IPC-interrupt 1 (MTOCIPCINT1) . Once the data communication has been
established through the IPC, the boot process can now also continue on the Control Subsystem side.
The rest of the Control Subsystem boot process is controlled by the Master Subsystem application issuing
IPC instructions to the Control Subsystem, with the C-Bootloader interpreting the IPC commands and
acting on them to continue the boot process. At this stage, a boot mode for the Control Subsystem can be
established. The Control Subsystem boot modes are similar to the Master Subsystem boot modes, except
for the mechanism by which they are selected. The Control Subsystem boot modes are chosen through
the IPC commands from the Master application code to the C-Bootloader, which interprets them and acts
accordingly. The choices are, as above, to branch to already existing Control application code in Flash, to
branch to preloaded code in RAM (development mode), or to upload the Control application code from
one of several available peripherals (see Table 2-18). As before, once the Control application code is in
place (in Flash or RAM), the C-Bootloader branches to Flash or RAM, and from that point on, the
application code takes over.
Table 2-18. Control Subsystem Boot Mode Selection
Control Subsystem
MTOCIPCBOOTMODE
Description
Boot Modes
Register Value
Upon receiving this command from the Master Subsystem, C-Boot
BOOT_FROM_RAM
0x0000 0001
ROM will branch to the Control Subsystem RAM entry point location
and start executing code from there.
Upon receiving this command, C-Boot ROM will branch to the
BOOT_FROM_FLASH
0x0000 0002
Control Subsystem FLASH entry point and start executing code from
there.
Upon receiving this command, C-Boot ROM will boot from the
BOOT_FROM_SCI
0x0000 0003
Control Subsystem SCI peripheral.
Upon receiving this command, C-Boot ROM will boot from the
BOOT_FROM_SPI
0x0000 0004
Control Subsystem SPI interface.
Upon receiving this command, C-Boot ROM will boot from the
BOOT_FROM_I2C
0x0000 0005
Control Subsystem I2C interface.
Upon receiving this command, C-Boot ROM will boot from the
BOOT_FROM_PARALLEL
0x0000 0006
Control Subsystem GPIO.
Upon receiving this command, C-Boot ROM will boot from the
BOOT_FROM_SPI(1)
0x0000 0007
Control Subsystem SPI interface.
(1)
MTOCBOOTMODE 0x0000 0001–MTOCBOOTMODE 0x0000 0006 are compatible with the F28M35x members of the Concerto family,
but MTOCBOOTMODE 0x0000 0007 uses GPIO terminals that are not available on the F28M35x.
The boot process can be considered completed once the Cortex™-M3 and C28x are both running out of
their respective application programs. Note that following the boot sequence, the C-Bootloader is still
available to interpret and act upon an assortment of IPC commands that can be issued from the Master
Subsystem to perform a variety of configuration, housekeeping, and other functions.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
39
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com