Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F28M36P63C2ZWTQ Datasheet(PDF) 22 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 22 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 18Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 19Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 20Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 21Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 22Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 23Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 24Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 25Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
SPRS825 – OCTOBER 2012
www.ti.com
Table 2-14. Interrupts from NVIC to Cortex™-M3 (continued)
Interrupt Number
Vector Number
Vector Address or Offset
Description
(Bit in Interrupt Registers)
35
51
0x0000.00CC
Timer 3A
36
52
0x0000.00D0
Timer 3B
37
53
0x0000.00D4
I2C1
38–41
54–57
–
Reserved
42
58
0x0000.00E8
Ethernet Controller
44
60
0x0000.00F0
USB
45
61
–
Reserved
46
62
0x0000.00F8
µDMA Software
47
63
0x0000.00FC
µDMA Error
48–52
64–68
–
Reserved
53
69
0x0000.0114
EPI
54
70
0x0000.0118
GPIO Port J
55
71
0x0000.011C
GPIO Port K
56
72
0x0000.0120
GPIO Port L
57
73
0x0000.0124
SSI 2
58
74
0x0000.0128
SSI 3
59
75
0x0000.012C
UART3
60
76
0x0000.0130
UART4
61–63
77–79
–
Reserved
64
80
0x0000.0140
CAN1 INT0
65
81
0x0000.0144
CAN1 INT1
66
82
0x0000.0148
CAN1 INT0
67
83
0x0000.014C
CAN1 INT1
68–71
84–87
–
Reserved
72
88
0x0000.0160
ADCINT1
73
89
0x0000.0164
ADCINT2
74
90
0x0000.0168
ADCINT3
75
91
0x0000.016C
ADCINT4
76
92
0x0000.0170
ADCINT5
77
93
0x0000.0174
ADCINT6
78
94
0x0000.0178
ADCINT7
79
95
0x0000.017C
ADCINT8
80
96
0x0000.0180
CTOMIPC1
81
97
0x0000.0184
CTOMIPC2
82
98
0x0000.0188
CTOMIPC3
83
99
0x0000.018C
CTOMIPC4
84–87
100–103
–
Reserved
88
104
0x0000.01A0
RAM Single Error
89
105
0x0000.01A4
System / USB PLL Out of Lock
90
106
0x0000.01A8
M3 Flash Single Error
91
107
0x0000.01AC
Reserved
92–110
108–126
–
Reserved
111
127
0x0000.01FC
GPIO Port M
112
128
0x0000.0200
GPIO Port N
113–115
129–131
–
Reserved
116
132
0x0000.0210
GPIO Port P
117–123
133–139
–
Reserved
22
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com