Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F28M36P63C2ZWTQ Datasheet(PDF) 21 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 21 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 17Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 18Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 19Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 20Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 21Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 22Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 23Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 24Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
2.3.3
Cortex™-M3 DMA and NVIC
The Cortex™-M3 direct memory access (µDMA) module provides a hardware method of transferring data
between peripherals, between memory, and between peripherals and memory without intervention from
the Cortex™-M3 CPU. The Nested Vectored Interrupt Controller (NVIC) manages and prioritizes interrupt
handling for the Cortex™-M3 CPU.
The Cortex™-M3 peripherals use REQ/DONE handshaking to coordinate data transfer requests with the
µDMA. If a DMA channel is enabled for a given peripheral, REQ/DONE from the peripheral will trigger the
data transfer, following which an IRQ request may be sent from the µDMA to the NVIC to announce to the
Cortex™-M3 that the transfer has completed. If a DMA channel is not enabled for a given peripheral,
REQ/DONE will directly drive IRQ to the NVIC so that the Cortex™-M3 CPU can transfer the data. For
those peripherals that are not supported by the µDMA, IRQs are supplied directly to the NVIC, bypassing
the DMA. This case is true for both Watchdogs, CANs, I2Cs, and the Analog-to-Digital Converters sending
ADCINT[8:1] interrupts from the Analog Subsystem. The NMI Watchdog does not send any events to the
µDMA or the NVIC (only to the Resets block).
2.3.4
Cortex™-M3 Interrupts
Table 2-14 shows all interrupt assignments for the Cortex™-M3 processor. Most interrupts (16–107) are
associated with interrupt requests from Cortex™-M3 peripherals. The first 15 interrupts (1–15) are
processor exceptions generated by the Cortex™-M3 core itself. These processor exceptions are detailed
in Table 2-15.
Table 2-14. Interrupts from NVIC to Cortex™-M3
Interrupt Number
Vector Number
Vector Address or Offset
Description
(Bit in Interrupt Registers)
–
0–15
0x0000.0000–0x0000.003C
Processor exceptions
0
16
0x0000.0040
GPIO Port A
1
17
0x0000.0044
GPIO Port B
2
18
0x0000.0048
GPIO Port C
3
19
0x0000.004C
GPIO Port D
4
20
0x0000.0050
GPIO Port E
5
21
0x0000.0054
UART0
6
22
0x0000.0058
UART1
7
23
0x0000.005C
SSI0
8
24
0x0000.0060
I2C0
9–17
25–33
–
Reserved
18
34
0x0000.0088
Watchdog Timers 0 and 1
19
35
0x0000.008C
Timer 0A
20
36
0x0000.0090
Timer 0B
21
37
0x0000.0094
Timer 1A
22
38
0x0000.0098
Timer 1B
23
39
0x0000.009C
Timer 2A
24
40
0x0000.00A0
Timer 2B
25–27
41–43
–
Reserved
28
44
0x0000.00B0
System Control
29
45
–
Reserved
30
46
0x0000.00B8
GPIO Port F
31
47
0x0000.00BC
GPIO Port G
32
48
0x0000.00C0
GPIO Port H
33
49
0x0000.00C4
UART2
34
50
0x0000.00C8
SSI1
Copyright © 2012, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com