Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F28M36P63C2ZWTQ Datasheet(PDF) 86 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 86 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 82Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 83Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 84Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 85Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 86Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 87Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 88Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 89Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
SPRS825 – OCTOBER 2012
www.ti.com
2.19 µCRC Module
The µCRC module is part of the master subsystem. This module can be used by Cortex™-M3 software to
compute CRC on data and program, which are stored at memory locations that are addressable by
Cortex™-M3. On this device, the Cortex™-M3 Flash Bank and ROM are mapped to the code space that is
only accessed by the ICODE/DCODE bus of Cortex™-M3; and RAMs are mapped on the SRAM space
that is accessible by the SYSTEM bus. Hence, the µCRC module snoops both the DCODE and SYSTEM
buses to support CRC calculation for data and program.
2.19.1 Functional Description
The µCRC module snoops both the DCODE and SYSTEM buses to support CRC calculation for data and
program. To allow interrupts execution in between CRC calculations for a block of data and to discard the
Cortex™-M3 literal pool accesses in between executions of the program (which reads data for CRC
calculation), the Cortex™-M3 ROM, Flash, and RAMs are mapped to a mirrored memory location. The
µCRC module grabs data from the bus to calculate CRC only if the address of the read data belongs to
mirrored memory space. After grabbing, the µCRC module performs the CRC calculation on the grabbed
data and updates the µCRC Result Register (µCRCRES). This register can be read at any time to get the
calculated CRC for all the previous read data. The µCRC module only supports CRC calculation for byte
accesses. So, in order to calculate the CRC on a block of data, software must perform byte accesses to
all the data. For half-word and word accesses, the µCRC module discards the data and does not update
the µCRCRES register.
NOTE
If a read to a mirrored address space is thrown from the debugger (Code Composer Studio
or any other debug platform), the µCRC module ignores the read data and does not update
the CRC result for that particular read.
2.19.2 CRC Polynomials
The following are the CRC polynomials that are supported by the µCRC module:
•
CRC8 Polynomial = 0x07
•
CRC16 Polynomial-1 = 0x8005
•
CRC16 Polynomial-2 = 0x1021
•
CRC32 Polynomial = 0x04C11DB7
2.19.3 CRC Calculation Procedure
The software procedure for calculating CRC for a set of data that is stored in Cortex™-M3 addressable
memory space is as follows:
1. Save the current value of the µCRC Result Register (µCRCRES) into the stack to allow calculation of
CRC in nested interrupt
2. Clear the µCRC Result Register (µCRCRES) by setting the CLEAR field of the µCRC Control Register
(µCRCCONTROL) to "1"
3. Configure the µCRC polynomials (CRC8, CRC16-P1, CRC16-P2, or CRC32) in the µCRC
Configuration Register (µCRCCONFIG)
4. Read the data from memory locations for which CRC needs to be calculated using mirrored address
5. Read the µCRCRES register to get the calculated CRC value. Pop the last saved value of the CRC
from the stack and store this value into the µCRC Result Register (uCRCRES)
86
Device Overview
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com