Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F28M36P63C2ZWTQ Datasheet(PDF) 95 Page - Texas Instruments

Part # F28M36P63C2ZWTQ
Description  Concerto Microcontrollers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F28M36P63C2ZWTQ Datasheet(HTML) 95 Page - Texas Instruments

Back Button F28M36P63C2ZWTQ Datasheet HTML 91Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 92Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 93Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 94Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 95Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 96Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 97Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 98Page - Texas Instruments F28M36P63C2ZWTQ Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 202 page
background image
F28M36P63B2, F28M36P63C2
F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2
www.ti.com
SPRS825 – OCTOBER 2012
Table 3-1. Terminal Functions(1) (continued)
TERMINAL
PU
OUTPUT
I/O/Z(2)
DESCRIPTION
or
BUFFER
ZWT
NAME
PD(3)
STRENGTH
BALL NO.
GPIO Group 1 and Peripheral Signals
PA0_GPIO0
I/O/Z
General-purpose input/output 0
M_U0RX
I
UART-0 receive data
M_I2C1SCL
D1
I/OD
I2C-1 clock open-drain bidirectional port
PU
4 mA
M_U1RX
I
UART-1 receive data
C_EPWM1A
O
Enhanced PWM-1 output A
PA1_GPIO1
I/O/Z
General-purpose input/output 1
M_U0TX
O
UART-0 transmit data
M_I2C1SDA
I/OD
I2C-1 data open-drain bidirectional port
M_U1TX
E3
O
UART-1 data transmit
PU
4 mA
M_SSI1FSS
I/O
SSI-1 frame
C_EPWM1B
O
Enhanced PWM-1 output B
C_ECAP6
I/O
Enhanced Capture-6 input/output
PA2_GPIO2
I/O/Z
General-purpose input/output 2
M_SSI0CLK
I/O
SSI-0 clock
M_MIITXD2
E2
O
EMAC MII transmit data bit 2
PU
4 mA
M_U1CTS
I
UART-1 clear-to-send modem status
C_EPWM2A
O
Enhanced PWM-2 output A
PA3_GPIO3
I/O/Z
General-purpose input/output 3
M_SSI0FSS
I/O
SSI-0 frame
M_MIITXD1
O
EMAC MII transmit data bit 1
M_U1DCD
E1
I
UART-1 data carrier detect
PU
4 mA
M_SSI1CLK
I/O
SSI-1 clock
C_EPWM2B
O
Enhanced PWM-2 output B
C_ECAP5
I/O
Enhanced Capture-5 input/output
PA4_GPIO4
I/O/Z
General-purpose input/output 4
M_SSI0RX
I
SSI-0 receive data
M_MIITXD0
O
EMAC MII transmit data bit 0
F4
PU
4 mA
M_CAN0RX
I
CAN-0 receive data
M_U1DSR
I
UART-1 data set ready
C_EPWM3A
O
Enhanced PWM-3 output A
PA5_GPIO5
I/O/Z
General-purpose input/output 5
M_SSI0TX
O
SSI-0 transmit data
M_MIIRXDV
I
EMAC MII receive data valid
M_CAN0TX
O
CAN-0 transmit data
F3
PU
4 mA
M_U1RTS
O
UART-1 request-to-send
C_EPWM3B
O
Enhanced PWM-3 output B
C_MFSRA
I
McBSP-A receive frame sync
C_ECAP1
I/O
Enhanced Capture-1 input/output
Copyright © 2012, Texas Instruments Incorporated
Device Pins
95
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com