Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP162 Datasheet(PDF) 1 Page - Analog Devices

Part # OP162
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162 Datasheet(HTML) 1 Page - Analog Devices

  OP162 Datasheet HTML 1Page - Analog Devices OP162 Datasheet HTML 2Page - Analog Devices OP162 Datasheet HTML 3Page - Analog Devices OP162 Datasheet HTML 4Page - Analog Devices OP162 Datasheet HTML 5Page - Analog Devices OP162 Datasheet HTML 6Page - Analog Devices OP162 Datasheet HTML 7Page - Analog Devices OP162 Datasheet HTML 8Page - Analog Devices OP162 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
a
OP162/OP262/OP462
15 MHz Rail-to-Rail
Operational Amplifiers
FEATURES
Wide Bandwidth: 15 MHz
Low Offset Voltage: 325
V max
Low Noise: 9.5 nV/
÷Hz @ 1 kHz
Single-Supply Operation: +2.7 V to +12 V
Rail-to-Rail Output Swing
Low TCVOS: 1
V/ C typ
High Slew Rate: 13 V/ s
No Phase Inversion
Unity Gain Stable
APPLICATIONS
Portable Instrumentation
Sampling ADC Amplifier
Wireless LANs
Direct Access Arrangement
Office Automation
GENERAL DESCRIPTION
The OP162 (single), OP262 (dual), OP462 (quad) rail-to-rail
15 MHz amplifiers feature the extra speed new designs require,
with the benefits of precision and low power operation. With
their incredibly low offset voltage of 45
mV (typ) and low noise,
they are perfectly suited for precision filter applications and
instrumentation. The low supply current of 500
mA (typ) is
critical for portable or densely packed designs. In addition, the
rail-to-rail output swing provides greater dynamic range and
control than standard video amplifiers provide.
These products operate from single supplies as low as +2.7 V to
dual supplies of
±6 V. The fast settling times and wide output
swings recommend them for buffers to sampling A/D converters.
The output drive of 30 mA (sink and source) is needed for
many audio and display applications; more output current can
be supplied for limited durations.
The OP162 family is specified over the extended industrial
temperature range (–40
∞C to +125∞C). The single OP162
and dual OP262 are available in 8-lead SOIC and TSSOP
packages. The quad OP462 is available in 14-lead narrow-body
SOIC and TSSOP packages.
PIN CONFIGURATIONS
8-Lead Narrow-Body SO
(S Suffix)
NC = NO CONNECT
NULL
V+
NC
NULL
OUT A
–IN A
+IN A
V–
1
4
5
8
OP162
8-Lead TSSOP
(RU Suffix)
OP162
1
4
5
8
NULL
–IN A
+IN A
V–
NULL
V+
OUT A
NC
NC = NO CONNECT
8-Lead Narrow-Body SO
(S Suffix)
OUT A
V+
OUT B
–IN A
+IN A
V–
+IN B
–IN B
1
4
5
8
OP262
8-Lead TSSOP
(RU Suffix)
OP262
1
4
5
8
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
14-Lead Narrow-Body SO
(S Suffix)
1
7
8
14
OP462
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
V–
+IN D
–IN D
OUT D
OUT C
–IN C
+IN C
14-Lead TSSOP
(RU Suffix)
OP462
1
78
14
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - OP162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP162 AD-OP162 Datasheet
955Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. F
OP162 AD-OP162 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
OP162 AD-OP162 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
logo
List of Unclassifed Man...
OP162 ETC-OP162 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Analog Devices
OP162 AD-OP162 Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
More results

Similar Description - OP162

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
8 MHz Rail-to-Rail Operational Amplifiers
2/03-Data Sheet changed from REV. B to REV. C.
OP162 AD-OP162_05 Datasheet
955Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. F
AD8519 AD-AD8519_07 Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
Rail-to-Rail Operational Amplifiers
logo
Analog Devices
OP162 AD-OP162_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262 AD-OP262_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462 AD-OP462_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com