Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP162 Datasheet(PDF) 4 Page - Analog Devices

Part # OP162
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162 Datasheet(HTML) 4 Page - Analog Devices

  OP162 Datasheet HTML 1Page - Analog Devices OP162 Datasheet HTML 2Page - Analog Devices OP162 Datasheet HTML 3Page - Analog Devices OP162 Datasheet HTML 4Page - Analog Devices OP162 Datasheet HTML 5Page - Analog Devices OP162 Datasheet HTML 6Page - Analog Devices OP162 Datasheet HTML 7Page - Analog Devices OP162 Datasheet HTML 8Page - Analog Devices OP162 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP162/OP262/OP462–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP162G, OP262G, OP462G
25
325
mV
–40
∞C £ TA £ +125∞C
800
mV
H Grade, –40
∞C £ TA £ +125∞C1
mV
D Grade, –40
∞C £ TA £ +125∞C
0.8
3
mV
5mV
Input Bias Current
IB
260
500
nA
–40
∞C £ TA £ +125∞C
650
nA
Input Offset Current
IOS
±2.5
±25
nA
–40
∞C £ TA £ +125∞C
±40
nA
Input Voltage Range
VCM
–5
+4
V
Common-Mode Rejection
CMRR
–4.9 V
£ VCM £ +4.0 V,
–40
∞C £ TA £ +125∞C70
110
dB
Large Signal Voltage Gain
AVO
RL = 2 k
W, –4.5 V £ VOUT £ 4.5 V
35
V/mV
RL = 10 k
W, –4.5 V £ VOUT £ 4.5 V
75
120
V/mV
–40
∞C £ TA £ +125∞C25
V/mV
Long-Term Offset Voltage
VOS
G Grade
1
600
mV
Offset Voltage Drift
DVOS/DTNote 2
1
mV/∞C
Bias Current Drift
DIB/DT
250
pA/
∞C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 250
mA, –40∞C £ TA £ +125∞C4.95
4.99
V
IL = 5 mA
4.85
4.94
V
Output Voltage Swing Low
VOL
IL = 250
mA, –40∞C £ TA £ +125∞C
–4.99
–4.95
V
IL = 5 mA
–4.94
–4.85
V
Short Circuit Current
ISC
Short to Ground
±80
mA
Maximum Output Current
IOUT
±30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±1.35 V to ±6 V,
–40
∞C £ TA £ +125∞C60
110
dB
Supply Current/Amplifier
ISY
OP162, VOUT = 0 V
650
800
mA
–40
∞C £ TA £ +125∞C
1.15
mA
OP262, OP462, VOUT = 0 V
550
775
mA
–40
∞C £ TA £ +125∞C1
mA
Supply Voltage Range
VS
+3.0 (
±1.5)
+12 (
±6) V
DYNAMIC PERFORMANCE
Slew Rate
SR
–4 V < VOUT < 4 V, RL = 10 k
W
13
V/
ms
Settling Time
tS
To 0.1%, AV = –1, VO = 2 V Step
475
ns
Gain Bandwidth Product
GBP
15
MHz
Phase Margin
fm
64
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.5
mV p-p
Voltage Noise Density
en
f = 1 kHz
9.5
nV/
÷Hz
Current Noise Density
in
f = 1 kHz
0.4
pA/
÷Hz
NOTES
1Long-term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125
∞C, with an LTPD of 1.3.
2Offset voltage drift is the average of the –40
∞C to +25∞C delta and the +25∞C to +125∞C delta.
Specifications subject to change without notice.
(@ VS =
5.0 V, VCM = 0 V, TA = +25 C, unless otherwise noted)
REV. D
–4–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com