Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP162 Datasheet(PDF) 14 Page - Analog Devices

Part # OP162
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP162 Datasheet HTML 8Page - Analog Devices OP162 Datasheet HTML 9Page - Analog Devices OP162 Datasheet HTML 10Page - Analog Devices OP162 Datasheet HTML 11Page - Analog Devices OP162 Datasheet HTML 12Page - Analog Devices OP162 Datasheet HTML 13Page - Analog Devices OP162 Datasheet HTML 14Page - Analog Devices OP162 Datasheet HTML 15Page - Analog Devices OP162 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP162/OP262/OP462
–14–
REV. D
Spice Macro-Model
* OP162/OP262/OP462 SPICE Macro-model
* 7/96, Ver. 1
* Troy Murphy / ADSC
*
* Copyright 1996 by Analog Devices
*
* Refer to “README.DOC” file for License Statement. Use of this model
* indicates your acceptance of the terms and provisions in the License
* Statement
*
* Node Assignments
*
noninverting input
*|
inverting input
*|
|
positive supply
*|
|
|
negative supply
*|
|
|
|
output
*|
|
|
|
|
*|
|
|
|
|
.SUBCKT OP162
1
2
99
50
45
*
*INPUT STAGE
*
Q1
5
7
3
PIX 5
Q2
6
2
4
PIX 5
Ios
1
2
1.25E-9
I1
99
15
85E-6
EOS 7
1
POLY(1)
(14, 20)
45E-6 1
RC1 5
50
3.035E+3
RC2 6
50
3.035E+3
RE1 3
15
607
RE2 4
15
607
C1
5
6
600E-15
D1
3
8
DX
D2
4
9
DX
V1
99
8
DC 1
V2
99
9
DC 1
*
* 1st GAIN STAGE
*
EREF 98 0
(20, 0)
1
G1
98 10 (5, 6)
10.5
R1
10 98 1
C2
10 98 3.3E-9
*
* COMMON-MODE STAGE WITH ZERO AT 4kHz
*
ECM
13 98 POLY (2)
(1, 98)
(2, 98)
0
0.5
0.5
R2
13 14 1E+6
R3
14 98 70
C3
13 14 80E-12
*
* POLE AT 1.5MHz, ZERO AT 3MHz
*
G2
21 98 (10, 98)
.588E-6
R4
21 98 1.7E6
R5
21 22 1.7E6
C4
22 98 31.21E-15
*
* POLE AT 6MHz, ZERO AT 3MHz
*
E1
23
98
(21, 98)
2
R6
23
24
53E+3
R7
24
98
53E+3
C5
23
24
1E-12
*
* SECOND GAIN STAGE
*
G3
25
98
(24, 98)
40E-6
R8
25
98
1.65E+6
D3
25
99
DX
D4
50
25
DX
*
* OUTPUT STAGE
*
GSY 99
50
POLY (1)
(99, 50)
277.5E-6 7.5E-6
R9
99
20
100E3
R10 20
50
100E3
Q3
45
41
99
POUT
4
Q4
45
43
50
NOUT 2
EB1 99
40
POLY (1)
(98, 25)
0.70366
1
EB2 42
50
POLY (1)
(25, 98)
0.73419
1
RB1 40
41
500
RB2 42
43
500
CF
45
25
11E-12
D5
46
99
DX
D6
47
43
DX
V3
46
41
0.7
V4
47
50
0.7
.
MODEL
PIX
PNP (Bf=117.7)
.MODEL POUT PNP (BF=119, IS=2.782E-17, VAF=28, KF=3E-7)
.MODEL NOUT NPN (BF=110, IS=1.786E-17, VAF=90, KF=3E-7)
.MODEL DX
D()
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com