Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP162 Datasheet(PDF) 12 Page - Analog Devices

Part # OP162
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP162 Datasheet HTML 8Page - Analog Devices OP162 Datasheet HTML 9Page - Analog Devices OP162 Datasheet HTML 10Page - Analog Devices OP162 Datasheet HTML 11Page - Analog Devices OP162 Datasheet HTML 12Page - Analog Devices OP162 Datasheet HTML 13Page - Analog Devices OP162 Datasheet HTML 14Page - Analog Devices OP162 Datasheet HTML 15Page - Analog Devices OP162 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP162/OP262/OP462
–12–
REV. D
FREQUENCY – Hz
0.010
0.0001
20
10k
100
1k
0.001
20k
VS = 2.5V
AV = 1
VIN = 1.0V rms
RL = 10k
BANDWIDTH:
<10Hz TO 22kHz
Figure 38. THD+N vs. Frequency Graph
FREQUENCY – Hz
–40
–140
20
10k
100
1k
–90
20k
–50
–60
–70
–80
–100
–110
–120
–130
AV = 1
VIN = 1.0V rms
RL = 10k
VS = 2.5V
(0dBV)
Figure 39. Crosstalk vs. Frequency Graph
PCB Layout Considerations
Because the OP162/OP262/OP462 can provide gain at high
frequency, careful attention to board layout and component
selection is recommended. As with any high speed application,
a good ground plane is essential to achieve the optimum perfor-
mance. This can significantly reduce the undesirable effects of
ground loops and I
¥R losses by providing a low impedance refer-
ence point. Best results are obtained with a multilayer board
design with one layer assigned to ground plane.
Chip capacitors should be used for supply bypassing, with one
end of the capacitor connected to the ground plane and the
other end connected within 1/8 inch of each power pin. An
additional large tantalum electrolytic capacitor (4.7
mF–10 mF)
should be connected in parallel. This capacitor does not need to
be placed as close to the supply pins, as it is to provide current
for fast large-signal changes at the device’s output.
APPLICATION CIRCUITS
Single Supply Stereo Headphone Driver
Figure 40 shows a stereo headphone output amplifier that can
be run from a single +5 V supply. The reference voltage is
derived by dividing the supply voltage down with two 100 k
W
resistors. A 10
mF capacitor prevents power supply noise from
contaminating the audio signal and establishes an ac ground for
the volume control potentiometers.
The audio signal is ac coupled to each noninverting input
through a 10
mF capacitor. The gain of the amplifier is con-
trolled by the feedback resistors and is: (R2/R1) + 1. For this
example, the gain is 6. By removing R1 altogether, the amplifier
would have unity gain. A 169
W resistor is placed at the output
in the feedback network to short-circuit protect the output of
the device. This would prevent any damage to the device from
occurring if the headphone output became shorted. A 270
mF
capacitor is used at the output to couple the amplifier to the
headphone. This value is much larger than that used for the
input because of the low impedance of headphones, which can
range from 32
W to 600 W or more.
OP262-A
5V
169
270 F
47k
HEADPHONE
LEFT
L VOLUME
CONTROL
R1 = 10k
10 F
10 F
10k
5V
100k
10 F
100k
R2 = 50k
LEFT IN
OP262-B
5V
169
270 F
47k
HEADPHONE
RIGHT
10k
R VOLUME
CONTROL
10 F
RIGHT IN
R2 = 50k
10 F
R1 = 10k
Figure 40. Headphone Output Amplifier
Instrumentation Amplifier
Because of its high speed, low offset voltages and low noise
characteristics, the OP162/OP262/OP462 can be used in a wide
variety of high speed applications, including a precision instru-
mentation amplifier. Figure 41 shows an example of such an
application.
OP462-A
OP462-B
OP462-C
OP462-D
–VIN
+VIN
1k
10k
2k
1.9k
200
10 TURN
(OPTIONAL)
OUTPUT
RG
1k
10k
2k
2k
Figure 41. A High Speed Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com