Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP162 Datasheet(PDF) 13 Page - Analog Devices

Part # OP162
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP162 Datasheet HTML 8Page - Analog Devices OP162 Datasheet HTML 9Page - Analog Devices OP162 Datasheet HTML 10Page - Analog Devices OP162 Datasheet HTML 11Page - Analog Devices OP162 Datasheet HTML 12Page - Analog Devices OP162 Datasheet HTML 13Page - Analog Devices OP162 Datasheet HTML 14Page - Analog Devices OP162 Datasheet HTML 15Page - Analog Devices OP162 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
–13–
REV. D
OP162/OP262/OP462
The differential gain of the circuit is determined by RG, where:
ADIFF
= 1+
2
RG
with the RG resistor value in k
W. Removing RG will set the cir-
cuit gain to unity.
The fourth op amp, OP462-D, is optional and is used to im-
prove CMRR by reducing any input capacitance to the ampli-
fier. By shielding the input signal leads and driving the shield
with the common-mode voltage, input capacitance is eliminated
at common-mode voltages. This voltage is derived from the
midpoint of the outputs of OP462-A and OP462-B by using two
10 k
W resistors followed by OP462-D as a unity gain buffer.
It is important to use 1% or better tolerance components for the
2 k
W resistors, as the common-mode rejection is dependent on
their ratios being exact. A potentiometer should also be con-
nected in series with the OP462-C noninverting input resistor to
ground to optimize common-mode rejection.
The circuit in Figure 41 was implemented to test its settling
time. The instrumentation amp was powered with
±5V, so the
input step voltage went from –5 V to +4 V to keep the OP462
within its input range. Therefore, the 0.05% settling range is
when the output is within 4.5 mV. Figure 42 shows the positive
slope settling time to be 1.8
ms, and Figure 43 shows a settling
time of 3.9
ms for the negative slope.
10
0%
100
90
5mV
1 s
2V
Figure 42. Positive Slope Settling Time
10
0%
100
90
5mV
1µs
2V
10
0%
100
90
5mV
1 s
Figure 43. Negative Slope Settling Time
Direct Access Arrangement
Figure 44 shows a schematic for a +5 V single supply transmit/
receive telephone line interface for 600
W transmission systems.
It allows full duplex transmission of signals on a transformer
coupled 600
W line. Amplifier A1 provides gain that can be
adjusted to meet the modem output drive requirements. Both
A1 and A2 are configured so as to apply the largest possible
differential signal to the transformer. The largest signal available
on a single +5 V supply is approximately 4.0 V p-p into a 600
W
transmission system. Amplifier A3 is configured as a difference
amplifier to extract the receive information from the transmis-
sion line for amplification by A4. A3 also prevents the transmit
signal from interfering with the receive signal. The gain of A4
can be adjusted in the same manner as A1’s to meet the modem’s
input signal requirements. Standard resistor values permit the
use of SIP (Single In-line Package) format resistor arrays. Couple
this with the OP462 14-lead SOIC or TSSOP package and this
circuit can offer a compact solution.
6.2V
6.2V
TRANSMIT
TXA
RECEIVE
RXA
C1
0.1 F
R1
10k
R2
9.09k
2k
P1
TX GAIN
ADJUST
A1
A2
A3
A4
A1, A2 = 1/2 AD8532
A3, A4 = 1/2 AD8532
R3
360
1:1
T1
TO TELEPHONE
LINE
1
2
3
7
6
5
2
3
1
6
5
7
10 F
R7
10k
R8
10k
R5
10k
R6
10k
R9
10k
R14
14.3k
R10
10k
R11
10k
R12
10k
R13
10k
C2
0.1 F
P2
RX GAIN
ADJUST
2k
ZO
600
5V DC
MIDCOM
671-8005
Figure 44. A Single-Supply Direct Access Arrangement for
Modems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com