Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285 Datasheet(PDF) 5 Page - Analog Devices

Part # OP285
Description  Dual 9 MHz Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285 Datasheet(HTML) 5 Page - Analog Devices

  OP285 Datasheet HTML 1Page - Analog Devices OP285 Datasheet HTML 2Page - Analog Devices OP285 Datasheet HTML 3Page - Analog Devices OP285 Datasheet HTML 4Page - Analog Devices OP285 Datasheet HTML 5Page - Analog Devices OP285 Datasheet HTML 6Page - Analog Devices OP285 Datasheet HTML 7Page - Analog Devices OP285 Datasheet HTML 8Page - Analog Devices OP285 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
–5–
Typical Performance Characteristics–OP285
11
7
–50
100
10
8
–25
75
50
25
0
9
40
50
55
60
65
TEMPERATURE – C
GBW
M
ø
TPC 10. Gain Bandwidth Product,
Phase Margin vs. Temperature
30
15
0
1k
10k
10M
1M
100k
10
5
20
25
TA = 25 C
VS = 15V
AVCL = +1
RL = 2k
FREQUENCY – Hz
TPC 13. Maximum Output Swing
vs. Frequency
300
0
100
150
50
–25
100
–50
250
200
75
50
25
0
VS = 15V
TEMPERATURE – C
TPC 16. Input Bias Current vs.
Temperature
100
0
500
30
10
100
20
0
60
40
50
70
80
90
400
200
300
LOAD CAPACITANCE – pF
VS = 15V
RL = 2k
VIN = 100mV p-p
A
= +1
NEGATIVE EDGE
VCL
A
= +1
POSITIVE EDGE
VCL
TPC 11. Small-Signal Overshoot vs.|
Load Capacitance
5.0
3.0
25
4.5
3.5
5
4.0
15
10
0
TA = +25 C
TA = +85 C
TA = –40 C
SUPPLY VOLTAGE – V
TPC 14. Supply Current vs.
Supply Voltage
FREQUENCY – Hz
10
100
100k
1k
5
4
3
2
1
VS = 15V
TA = 25 C
TPC 17. Current Noise Density vs.
Frequency
16
8
0
100
1k
10k
2
4
6
10
12
14
LOAD RESISTANCE –
TA = 25 C
VS = 15V
+VOM
–VOM
TPC 12. Maximum Output Voltage
vs. Load Resistance
120
20
100
50
30
–25
40
–50
80
60
70
90
100
110
75
25
50
0
TEMPERATURE – C
VS = 15V
SOURCE
SINK
TPC 15. Short Circuit Current vs.
Temperature
250
0
10
150
50
1
100
0
200
9
8
7
6
5
4
3
2
TC VOS – V/ C
–40 C
TA
+85 C
402 OP AMPS
TPC 18. tC VOS Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com