Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285 Datasheet(PDF) 6 Page - Analog Devices

Part # OP285
Description  Dual 9 MHz Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP285 Datasheet HTML 2Page - Analog Devices OP285 Datasheet HTML 3Page - Analog Devices OP285 Datasheet HTML 4Page - Analog Devices OP285 Datasheet HTML 5Page - Analog Devices OP285 Datasheet HTML 6Page - Analog Devices OP285 Datasheet HTML 7Page - Analog Devices OP285 Datasheet HTML 8Page - Analog Devices OP285 Datasheet HTML 9Page - Analog Devices OP285 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
OP285
–6–
250
0
250
150
50
100
–250
200
150
50
0
–150
TA= 25 C
402
OP AMPS
INPUT OFFSET –
V
–50
–100
–200
200
100
TPC 19. Input Offset (VOS)
Distribution
10
0%
100
90
200nS
5V
TPC 22. Negative Slew Rate
RL =2 k
Ω, VS = ±15 V, AV = +1
0 Hz
2.5 KHz
BW: 15.0 MHz
MKR: 1 000 Hz
CH A: 80.0
V FS
10.0
V/DIV
MKR: 6.23
V/ Hz
TPC 25. OP285 Voltage Noise Density
vs. Frequency VS =
±15 V, AV = 1000
10
–10
900
–4
–8
100
–6
0
2
–2
0
4
6
8
800
500 600
300 400
700
200
SETTLING TIME – ns
+0.1%
+0.01%
–0.1%
–0.01%
TPC 20. Settling Time vs. Step Size
10
0%
100
90
200nS
5V
TPC 23. Positive Slew Rate
RL = 2 k
Ω, VS = ±15 V, AV = +1
50
20
500
35
25
100
30
0
45
40
400
300
200
CAPACITIVE LOAD – pF
TA = 25 C
VS = 15V
–SR
+SR
TPC 21. Slew Rate vs.
Capacitive Load
10
0%
100
90
100nS
50mV
TPC 24. Small Signal Response
RL =2 k
Ω, VS = ±15 V, AV = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com