Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285 Datasheet(PDF) 12 Page - Analog Devices

Part # OP285
Description  Dual 9 MHz Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP285 Datasheet HTML 8Page - Analog Devices OP285 Datasheet HTML 9Page - Analog Devices OP285 Datasheet HTML 10Page - Analog Devices OP285 Datasheet HTML 11Page - Analog Devices OP285 Datasheet HTML 12Page - Analog Devices OP285 Datasheet HTML 13Page - Analog Devices OP285 Datasheet HTML 14Page - Analog Devices OP285 Datasheet HTML 15Page - Analog Devices OP285 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
OP285
–12–
OP285 SPICE Model
* Node assignments
*
noninverting input
*
inverting input
*
positive supply
*
negative supply
*
output
*
*
.SUBCKT OP285
1 2
99 50
34
*
* INPUT STAGE & POLE AT 100 MHZ
*
R3
5 51
2.188
R4
6 51
2.188
CIN 1 2
1.5E-12
C2
5 6
364E-12
I1
97 4
100E-3
IOS 1 2
1E-9
EOS 9 3
POLY(1) 26 28 35E-6 1
Q1
5 2 7 QX
Q2
6 9 8 QX
R5
7 4
1.672
R6
8 4
1.672
D1
2 36
DZ
D2
1 36
DZ
EN
3 1
100 1
GN1 0 2
13 0 1
GN20 1
16 0 1
*
EREF 98 0
28 0 1
EP
97 0
99 0 l
EM
510
50 0 1
*
* VOLTAGE NOISE SOURCE
*
DN1 35 10
DEN
DN2 10 11
DEN
VN1 35 0
DC 2
VN2 0 11
DC 2
*
* CURRENT NOISE SOURCE
*
DN3 12 13
DIN
DN4 13 14
DIN
VN3 12 0
DC 2
VN4 0 14
DC 2
CN1 13 0
7.53E-3
*
* CURRENT NOISE SOURCE
*
DN5 15 16
DIN
DN6 16 17
DIN
VN5 15 0
DC 2
VN6 0 17
DC2
CN2 16 0
7.53E-3
*
* GAIN STAGE & DOMINANT POLE AT 32 HZ *
R7 18 98
1.09E6
C3 18 98
4.55E-9
G1 98 18
5 6 4.57E-1
V2 97 19
1.4
V3 20 51
1.4
D3 18 19
DX
D4 20 18
DX
*
* POLE/ZERO PAIR AT 1.5MHz/2.7MHz
*
R8 21 98
1E3
R9 21 22
1.25E3
C4 22 98
47.2E-12
G2 98 21
18 28 1E-3
*
* POLE AT 100 MHZ
*
R10 23 98
1
C5 23 98
1.59E-9
G3 98 23
21 28 1
*
* POLE AT 100 MHZ
*
R11 24 98
l
C6 24 98
1.59E-9
G4 98 24
23 28 1
*
* COMMON-MODE GAIN NETWORK WITH ZERO AT
1 kHZ
*
R12 25 26
1E6
C7 25 26
1.59E-12
R13 26 98
1
E2 25 98
POLY(2) 1 98 2 98 0 2.506 2.506
*
* POLE AT 100 MHZ
*
R14 27 98
1
C8 27 98
1.59E-9
G5 98 27
24 28 1
*
* OUTPUT STAGE
*
Rl5 28 99
100E3
R16 28 50
100E3
C9 28 50
1 E-6
ISY 99 50
1.85E-3
R17 29 99
100
R18 29 50
100
L2 29 34
1E-9
G6 32 50
27 29 10E-3
G7 33 50
29 27 10E-3
G8 29 99
99 27 10E-3
G9 50 29
27 50 10E-3
V4 30 29
1.3
V5 29 31
3.8
F1 29 0
V4 1
F2 0 29
V5 1
D5 27 30
DX
D6 31 27
DX
D7 99 32
DX
D8 99 33
DX
D9 50 32
DY
D10 50 33
DY
*
* MODELS USED
*
.MODEL QX PNP(BF = 5E5)
.MODEL DX
D(IS = lE-12)
.MODEL DY
D(IS = lE-15 BV = 50)
.MODEL DZ
D(IS = lE-15 BV = 7.0)
.MODEL DEN D(IS = lE-12 RS = 4.35K KF = 1.95E-15
AF = l) .MODEL DIN D(IS = lE-12 RS = 77.3E-6
KF = 3.38E-15 AF = 1) .ENDS OP-285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com