Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285 Datasheet(PDF) 3 Page - Analog Devices

Part # OP285
Description  Dual 9 MHz Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285 Datasheet(HTML) 3 Page - Analog Devices

  OP285 Datasheet HTML 1Page - Analog Devices OP285 Datasheet HTML 2Page - Analog Devices OP285 Datasheet HTML 3Page - Analog Devices OP285 Datasheet HTML 4Page - Analog Devices OP285 Datasheet HTML 5Page - Analog Devices OP285 Datasheet HTML 6Page - Analog Devices OP285 Datasheet HTML 7Page - Analog Devices OP285 Datasheet HTML 8Page - Analog Devices OP285 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
OP285
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP285 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . .
±7.5 V
Output Short-Circuit Duration to Gnd
3
. . . . . . . . . Indefinite
Storage Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP285G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 Sec) . . . . . . . . 300
°C
Package Type
JA
4
JC
Unit
8-Pin Plastic DIP (P)
103
43
°C/W
8-Pin SOIC (S)
158
43
°C/W
NOTES
1Absolute Maximum Ratings apply to packaged parts, unless otherwise noted.
2For supply voltages less than
±7.5 V, the absolute maximum input voltage is
equal to the supply voltage.
3Shorts to either supply may destroy the device. See data sheet for full details.
4
JA is specified for the worst case conditions, i.e.,
JA is specified for device in
socket for cerdip, P-DIP, and LCC packages; JA is specified for device soldered
in circuit board for SOIC package.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP285GP
*
–40
°C to +85°C 8-Pin Plastic DIP
N-8
OP285GS
–40
°C to +85°C 8-Pin SOIC
S0-8
OP285GSR
–40
°C to +85°C S0-8 Reel, 2500 pcs.
*Not for new designs. Obsolete April 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com