Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP285 Datasheet(PDF) 1 Page - Analog Devices

Part # OP285
Description  Dual 9 MHz Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP285 Datasheet(HTML) 1 Page - Analog Devices

  OP285 Datasheet HTML 1Page - Analog Devices OP285 Datasheet HTML 2Page - Analog Devices OP285 Datasheet HTML 3Page - Analog Devices OP285 Datasheet HTML 4Page - Analog Devices OP285 Datasheet HTML 5Page - Analog Devices OP285 Datasheet HTML 6Page - Analog Devices OP285 Datasheet HTML 7Page - Analog Devices OP285 Datasheet HTML 8Page - Analog Devices OP285 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP285*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Dual 9 MHz Precision
Operational Amplifier
PIN CONNECTIONS
8-Lead Narrow-Body SO (S-Suffix)
TOP VIEW
(Not to Scale)
OP285
–IN A
+IN A
V–
OUT A
V+
–IN B
+IN B
OUT B
8
7
6
5
1
2
3
4
8-Lead Epoxy DIP (P-Suffix)
8
7
6
5
V+
–IN B
+IN B
OUT B
1
2
3
4
–IN A
+IN A
V–
OUT A
+
–
+
–
OP285
The combination of low noise, speed and accuracy can be used
to build high speed instrumentation systems. Circuits such as
instrumentation amplifiers, ramp generators, bi-quad filters and
dc-coupled audio systems are all practical with the OP285. For
applications that require long term stability, the OP285 has a
guaranteed maximum long term drift specification.
The OP285 is specified over the XIND—extended industrial—
(–40
°C to +85°C) temperature range. OP285s are available in
8-pin plastic DIP and SOIC-8 surface mount packages.
FEATURES
Low Offset Voltage: 250
V
Low Noise: 6 nV/
√ Hz
Low Distortion: 0.0006%
High Slew Rate: 22 V/ s
Wide Bandwidth: 9 MHz
Low Supply Current: 5 mA
Low Offset Current: 2 nA
Unity-Gain Stable
SO-8 Package
APPLICATIONS
High Performance Audio
Active Filters
Fast Amplifiers
Integrators
GENERAL DESCRIPTION
The OP285 is a precision high-speed amplifier featuring the
Butler Amplifier front-end. This new front-end design com-
bines the accuracy and low noise performance of bipolar
transistors with the speed of JFETs. This yields an amplifier
with high slew rates, low offset and good noise performance
at low supply currents. Bias currents are also low compared
to bipolar designs.
The OP285 offers the slew rate and low power of a JFET
amplifier combined with the precision, low noise and low
drift of a bipolar amplifier. Input offset voltage is laser-trimmed
and guaranteed less than 250
µV. This makes the OP285 useful
in dc-coupled or summing applications without the need for
special selections or the added noise of additional offset
adjustment circuitry. Slew rates of 22 V/
µs and a bandwidth
of 9 MHz make the OP285 one of the most accurate medium
speed amplifiers available.
*Patents pending


Similar Part No. - OP285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP285 AD-OP285 Datasheet
202Kb / 16P
Dual 9 MHz Precision Operational Amplifier
REV. A
OP285 AD-OP285 Datasheet
202Kb / 16P
Dual 9 MHz Precision Operational Amplifier
REV. A
OP285 AD-OP285 Datasheet
325Kb / 15P
Dual 9 MHz Precision Operational Amplifier
Rev. C
OP285GS AD-OP285GS Datasheet
325Kb / 15P
Dual 9 MHz Precision Operational Amplifier
Rev. C
OP285GS-REEL AD-OP285GS-REEL Datasheet
325Kb / 15P
Dual 9 MHz Precision Operational Amplifier
Rev. C
More results

Similar Description - OP285

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Analog Devices
OP285GSZ AD-OP285GSZ Datasheet
202Kb / 16P
Dual 9 MHz Precision Operational Amplifier
REV. A
OP285GSZ-REEL AD-OP285GSZ-REEL Datasheet
202Kb / 16P
Dual 9 MHz Precision Operational Amplifier
REV. A
OP285 AD-OP285_15 Datasheet
202Kb / 16P
Dual 9 MHz Precision Operational Amplifier
REV. A
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com