Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GS Datasheet(PDF) 7 Page - Analog Devices

Part # OP249GS
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP249GS Datasheet HTML 3Page - Analog Devices OP249GS Datasheet HTML 4Page - Analog Devices OP249GS Datasheet HTML 5Page - Analog Devices OP249GS Datasheet HTML 6Page - Analog Devices OP249GS Datasheet HTML 7Page - Analog Devices OP249GS Datasheet HTML 8Page - Analog Devices OP249GS Datasheet HTML 9Page - Analog Devices OP249GS Datasheet HTML 10Page - Analog Devices OP249GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
OP249
–7–
REV. C
0.010
20
100
0.001
TA = +25 C
VS = 15V
VO = 10V p-p
RL = 10k
AV = +1
1k
10k 20k
Figure 13. Distortion vs. Frequency
0.10
20
100
0.010
TA = +25 C
VS = 15V
VO = 10V p-p
RL = 10k
AV = +1
1k
10k 20k
Figure 16. Distortion vs. Frequency
+1 V
–1 V
BANDWIDTH (0.1Hz TO 10 Hz)
TA = +25 C
VS = 15V
500mV
1s
Figure 19. Low Frequency Noise
0.010
20
100
0.001
TA = +25 C
VS = 15V
VO = 10V p-p
RL = 2k
AV = +1
1k
10k 20k
Figure 14. Distortion vs. Frequency
0.10
20
100
0.010
TA = +25 C
VS = 15V
VO = 10V p-p
RL = 2k
AV = +10
1k
10k 20k
Figure 17. Distortion vs. Frequency
FREQUENCY – Hz
1k
10
0
–10
10k
100k
1M
10M
TA = +25 C
VS = 15V
60
50
40
30
20
–20
100M
AVCL = +100
AVCL = +5
AVCL = +1
AVCL = +10
Figure 20. Closed-Loop Gain vs.
Frequency
0.010
20
100
0.001
TA = +25 C
VS = 15V
VO = 10V p-p
RL = 600
AV = +1
1k
10k 20k
Figure 15. Distortion vs. Frequency
0.10
20
100
0.010
TA = +25 C
VS = 15V
VO = 10V p-p
RL = 600
AV = +10
1k
10k 20k
Figure 18. Distortion vs. Frequency
FREQUENCY – Hz
1k
10
0
10k
100k
1M
10M
TA = +25 C
VS = 15V
50
40
30
20
AVCL = +100
AVCL = +1
AVCL = +10
100
Figure 21. Closed-Loop Output
Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com