Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GS Datasheet(PDF) 11 Page - Analog Devices

Part # OP249GS
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP249GS Datasheet HTML 7Page - Analog Devices OP249GS Datasheet HTML 8Page - Analog Devices OP249GS Datasheet HTML 9Page - Analog Devices OP249GS Datasheet HTML 10Page - Analog Devices OP249GS Datasheet HTML 11Page - Analog Devices OP249GS Datasheet HTML 12Page - Analog Devices OP249GS Datasheet HTML 13Page - Analog Devices OP249GS Datasheet HTML 14Page - Analog Devices OP249GS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
OP249
–11–
REV. C
The OP249 was carefully designed to provide symmetrically
matched slew characteristics in both the negative and positive
directions, even when driving a large output load.
An amplifier’s slewing limitation determines the maximum
frequency at which a sinusoidal output can be obtained without
significant distortion. It is, however, important to note that the
nonsymmetric stewing typical of previously available JFET
amplifiers adds a higher series of harmonic energy content to
the resulting response—and an additional dc output compo-
nent. Examples of potential problems of nonsymmetric
slewing behavior could be in audio amplifier applications,
where a natural low distortion sound quality is desired, and in
servo or signal processing systems where a net dc offset cannot
be tolerated. The linear and symmetric stewing feature of the
OP249 makes it an ideal choice for applications that will exceed
the full-power bandwidth range of the amplifier.
Figure 42. Small-Signal Transient Response, AV = +1,
ZL = 2 kΩ 100 pF, No Compensation, VS = ±15 V
As with most JFET-input amplifiers, the output of the OP249
may undergo phase inversion if either input exceeds the speci-
fied input voltage range. Phase inversion will not damage the
amplifier, nor will it cause an internal latch-up condition.
Supply decoupling should be used to overcome inductance and
resistance associated with supply lines to the amplifier. A 0.1
µF
and a 10
µF capacitor should be placed between each supply
pin and ground.
OPEN-LOOP GAIN LINEARITY
The OP249 has both an extremely high open-loop gain of
1 kV/mV minimum and constant gain linearity. This feature of
the OP249 enhances its dc precision, and provides superb accu-
racy in high closed-loop gain applications. Figure 43 illustrates
the typical open-loop gain linearity—high gain accuracy is as-
sured, even when driving a 600
Ω load.
OFFSET VOLTAGE ADJUSTMENT
The inherent low offset voltage of the OP249 will make offset
adjustments unnecessary in most applications. However, where
a lower offset error is required, balancing can be performed with
simple external circuitry, as illustrated in Figures 44 and 45.
VERTICAL 50 V/DIV
INPUT VARIATION
HORIZONTAL 5V/DIV
OUTPUT CHARGE
Figure 43. Open-Loop Gain Linearity. Variation in Open-
Loop Gain Results in Errors in High Closed-Loop Gain
Circuits. RL = 600 Ω, VS = ±15 V
1/2
OP249
–V
+V
VIN
R3
R1
200k
R5
50k
R2
31
VOUT
R4
VOS ADJUST RANGE = V
R2
R1
Figure 44. Offset Adjust for Inverting Amplifier
Configuration
1/2
OP249
–V
+V
VIN
R1
200k
R3
50k
R2
33
VOUT
R5
VOS ADJUST RANGE = V
R2
R1
R4
1 +
R5
R4
IF R2 << R4
VOUT
VIN
GAIN =
= 1 +
R5
R4 + R2
Figure 45. Offset Adjust for Noninverting Amplifier
Configuration
In Figure 44, the offset adjustment is made by supplying a small
voltage at the noninverting input of the amplifier. Resistors R1
and R2 attenuates the pot voltage, providing a
±2.5 mV (with
VS =
±15 V) adjustment range, referred to the input. Figure 45
illustrates offset adjust for the noninverting amplifier configura-
tion, also providing a
±2.5 mV adjustment range. As indicated
in the equations in Figure 45, if R4 is not much greater than R2,
there will be a resulting closed-loop gain error that must be
accounted for.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com