Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GS Datasheet(PDF) 3 Page - Analog Devices

Part # OP249GS
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GS Datasheet(HTML) 3 Page - Analog Devices

  OP249GS Datasheet HTML 1Page - Analog Devices OP249GS Datasheet HTML 2Page - Analog Devices OP249GS Datasheet HTML 3Page - Analog Devices OP249GS Datasheet HTML 4Page - Analog Devices OP249GS Datasheet HTML 5Page - Analog Devices OP249GS Datasheet HTML 6Page - Analog Devices OP249GS Datasheet HTML 7Page - Analog Devices OP249GS Datasheet HTML 8Page - Analog Devices OP249GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
–3–
REV. C
OP249
OP249G
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Open Loop Output Resistance
RO
35
Ω
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
en
fO = 10 Hz
75
nV/
√Hz
fO = 100 Hz
26
nV/
√Hz
fO = 1 kHz
17
nV/
√Hz
fO = 10 kHz
16
nV/
√Hz
Current Noise Density
in
fO = 1 kHz
0.003
pA/
√Hz
Voltage Supply Range
VS
±4.5
±15
±18
V
NOTES
1Guaranteed by CMR test.
2Guaranteed by design.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
OP249A
OP249E
OP249F
Parameter
Symbol Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Offset Voltage
VOS
0.12
1.0
0.1
0.5
0.5
1.1
mV
Offset Voltage Temperature
Coefficient
TCVOS
15
13
2.2
6
µV/°C
Input Bias Current
IB
(Note 1)
4
20
0.25
3.0
0.3
4.0
nA
Input Offset Current
IOS
(Note 1)
0.04
4
0.01
0.7
0.02
1.2
nA
Input Voltage Range
IVR
(Note 2)
+12.5
+12.5
+12.5
V
±11
±11
±11
V
–12.5
–12.5
–12.5
V
Common-Mode Rejection
CMR
VCM = ± 11 V
76
110
86
100
80
90
dB
Power-Supply Rejection Ratio
PSRR
VS = ± 4.5 V to ± 18 V
5
50
5
50
7
100
µV/V
Large-Signal Voltage Gain
AVO
RL = 2 kΩ; VO = ± 10 V 500
1400
750
1400
250
1200
V/mV
Output Voltage Swing
VO
RL = 2 kΩ
+12.5
+12.5
+12.5
V
±12.0
±12.0
±12.0
V
–12.5
–12.5
–12.5
V
Short-Circuit Current Limit
ISC
Output Shorted to
Ground
±10
±60
±18
±60
±18
±60
mA
Supply Current
ISY
No Load, VO = 0 V
5.6
7.0
5.6
7.0
5.6
7.0
mA
NOTES
1T
J = +85
°C for E/F Grades; T
J = +125
°C for A Grade.
2Guaranteed by CMR test.
Specifications subject to change without notice.
(@ VS =
15 V, –40 C
≤ T
A
≤ +85 C for E/F grades, and –55 C ≤ T
A
≤ +125 C for
A grade unless otherwise noted)
ELECTRICAL CHARACTERISTICS
OP249G
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Offset Voltage
VOS
1.0
3.6
mV
Offset Voltage Temperature
Coefficient
TCVOS
625
µV/°C
Input Bias Current
IB
(Note 1)
0.5
4.5
nA
Input Offset Current
IOS
(Note 1)
0.04
1.5
nA
Input Voltage Range
IVR
(Note 2)
+12.5
V
±11
V
–12.5
V
Common-Mode Rejection
CMR
VCM = ± 11 V
76
95
dB
Power-Supply Rejection Ratio
PSRR
VS = ± 4.5 V to ± 18 V
10
100
µV/V
Large-Signal Voltage Gain
AVO
RL = 2 kΩ; VO = ± 10 V
250
1200
V/mV
Output Voltage Swing
VO
RL = 2 kΩ
+12.5
V
±12.0
V
–12.5
V
Short-Circuit Current Limit
ISC
Output Shorted to
Ground
±18
±60
mA
Supply Current
ISY
No Load, VO = 0 V
5.6
7.0
mA
NOTES
1T
J = +85°C .
2Guaranteed by CMR test.
Specifications subject to change without notice.
(@ VS =
15 V, –40 C
≤ T
A ≤ +85 C for unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com