Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP249GS Datasheet(PDF) 4 Page - Analog Devices

Part # OP249GS
Description  Dual, Precision JFET High Speed Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP249GS Datasheet(HTML) 4 Page - Analog Devices

  OP249GS Datasheet HTML 1Page - Analog Devices OP249GS Datasheet HTML 2Page - Analog Devices OP249GS Datasheet HTML 3Page - Analog Devices OP249GS Datasheet HTML 4Page - Analog Devices OP249GS Datasheet HTML 5Page - Analog Devices OP249GS Datasheet HTML 6Page - Analog Devices OP249GS Datasheet HTML 7Page - Analog Devices OP249GS Datasheet HTML 8Page - Analog Devices OP249GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
OP249
–4–
REV. C
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage2
. . . . . . . . . . . . . . . . . . . . . . . 36 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
°C to +175°C
Operating Temperature Range
OP249A (J, Z, RC) . . . . . . . . . . . . . . . . . . –55
°C to +125°C
OP249E, F (J, Z) . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
OP249G (P, S) . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature
OP249 (J, Z, RC) . . . . . . . . . . . . . . . . . . . –65
°C to +175°C
OP249 (P, S) . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . +300
°C
ORDERING GUIDE
1
Model
Temperature Range
Package Descriptions2
Package Options
OP249AZ
2
–55
°C to +125°C
8-Lead Cerdip
Q-8
OP249ARC/883
–55
°C to +125°C
20-Terminal LCC
E-20A
OP249EJ
–40
°C to +85°C
TO-99 H-08A
H-08A
OP249FZ
–40
°C to +85°C
8-Lead Cerdip
Q-8
OP249GP
–40
°C to +85°C
8-Lead Plastic DIP
N-8
OP249GS3
–40
°C to +85°C
8-Lead SO
SO-8
OP249GS-REEL
–40
°C to +85°C
8-Lead SO
SO-8
OP249GS-REEL7
–40
°C to +85°C
8-Lead SO
SO-8
NOTES
1Burn-in is available on commercial and industrial temperature range parts in cerdip, plastic DIP, and TO-can packages.
2For devices processed in total compliance to MIL-STD-883, add/883 after part number. Consult factory for 883 data sheet.
3For availability and burn-in information on SO and PLCC packages, contact your local sales office.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP249 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Package Type
JA
3
JC
Units
TO-99 (J)
145
16
°C/W
8-Lead Hermetic DIP (Z)
134
12
°C/W
8-Lead Plastic DIP (P)
96
37
°C/W
20-Terminal LCC (RC)
88
33
°C/W
8-Lead SO (S)
150
41
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
3
θ
JA is specified for worst case mounting conditions, i.e.,
θ
JA is specified for device
in socket for TO, cerdip, P-DIP, and LCC packages;
θ
JA is specified for device
soldered to printed circuit board for SO package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com